Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ5374 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SMCJ5374
Description  Silicon 5.0 Watt Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMCJ5374 Datasheet(HTML) 3 Page - Micro Commercial Components

  SMCJ5374 Datasheet HTML 1Page - Micro Commercial Components SMCJ5374 Datasheet HTML 2Page - Micro Commercial Components SMCJ5374 Datasheet HTML 3Page - Micro Commercial Components SMCJ5374 Datasheet HTML 4Page - Micro Commercial Components SMCJ5374 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3. SURGE CURRENT (Ir) - Surge current is specified as the maximum allowable peak, non-recurrent square-wave
current with a pulse width, PW, of 8.3 ms. The data given in Figure 5 may be used to find the maximum surge
current for a quare wave of any pulse width between 1 ms and 1000ms by plotting the applicable points on
logarithmic paper. Examples of this, using the 6.8v and 200V zeners, are shown in Figure 6. Mounting
contact located as specified in Note 3. (TA=25 ¢J
¡Ï¢·
¡Ð¢±
¢J ).
4. VOLTAGE REGULATION (£GVz) - Test conditions for voltage regulation are as follows: Vz measurements are made
at 10% and then at 50% of the Iz max value listed in the electrical characteristics table. The test currents are the
same for the 5% and 10% tolerance devices. The test current time druation for each Vz measurement is 40 ¡Ó 10 ms.
(TA=25 ¢J
¡Ï¢·
¡Ð¢±
¢J ). Mounting contact located as specified in Note2.
5. MAXIMUM REGULATOR CURRENT (IZM) - The maximum current shown is based on the maximum voltage of a
5% type unit. Therefore, it applies only to the B-suffix device. The actual IZM for any device may not exceed the
value of 5 watts divided by the actual Vz of the device. TL=75 ¢J at maximum from the device body.
APPLICATION NOTE:
Since the actual voltage available from a given zener
diode is temperature dependent, it is necessary to
determine
junction
temperature
under
any
set
of
operating conditions in order to calculate its value. The
following procedure is recommended:
Lead Temperature, TL, should be determined from:
TL = £c LAPD + TA
£c
LA is the lead-to-ambient thermal resistance (¢J /W)
and PD is the power dissipation.
Junction Temperature, TJ , may be found from:
TJ = TL + £GTJL
£GTJL is the increase in junction temperature above the
lead temperature and may be found from Figure 3 for
a train of power pulses or from Figure 4 for dc power.
£GTJL = £c JLPD
For worst-case design, using expected limits of Iz, limits
of PD and the extremes of TJ(£GTJ) may be estimated.
Changes in voltage, Vz, can then be found from:
£GV = £c VZ £GTJ
£c
VZ, the zener voltage temperature coefficient, is fount
from Figures 2.
Under high power-pulse operation, the zener voltage will
vary with time and may also be affected significantly be
the zener resistance. For best regulation, keep current
excursions as low as possible.
Data of Figure 3 should not be used to compute surge
capability. Surge limitations are given in Figure 5. They
are lower than would be expected by considering only
junction temperature, as current crowding effects cause
temperatures to be extremely high in small spots resulting
in device degradation should the limits of Figure. 5 be
exceeded.
SMCJ5348 thru SMCJ5388
MCC
www.mccsemi.com


Similar Part No. - SMCJ5374

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMCJ5374B SUNMATE-SMCJ5374B Datasheet
583Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SMCJ5374

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ5706 SSDI-SZ5706 Datasheet
88Kb / 2P
   5.0 WATT 6.8 - 270 VOLTS ZENER DIODES
Z00007G SSDI-Z00007G Datasheet
120Kb / 2P
   5.0 WATT 6.8 ??270 VOLTS ZENER DIODES
logo
Microsemi Corporation
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
   Silicon 10 WATT Zener Diodes
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Micro Commercial Compon...
ZMY75G MCC-ZMY75G Datasheet
128Kb / 3P
   Silicon 1.0 Watt Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com