Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53252 Datasheet(PDF) 5 Page - Micropac Industries

Part # 53252
Description  8-Pin Dual-In-Line Hermetic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53252 Datasheet(HTML) 5 Page - Micropac Industries

  53252 Datasheet HTML 1Page - Micropac Industries 53252 Datasheet HTML 2Page - Micropac Industries 53252 Datasheet HTML 3Page - Micropac Industries 53252 Datasheet HTML 4Page - Micropac Industries 53252 Datasheet HTML 5Page - Micropac Industries 53252 Datasheet HTML 6Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
53252
90VDC – 0.8A Dual Power MOSFET Optocouplers
DSCC DWG# 5962-03247
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
6/9/03
Pg. 5 of 6
Case outline X
S
D
e
b
A
A1
L
E
E1
SEATING
PLANE
C
BASE
PLANE
Symbol
Millimeters
Inches
Min
Max
Min
Max
A
6.99
.275
A1
1.40
1.65
.055
.065
b
0.41
0.53
.016
.021
c
0.18
0.33
.007
.013
D
9.40
9.91
.370
.390
e
2.29
2.79
.090
.110
E
9.65
9.91
.380
.390
E1
8.13
.320
L
1.07
1.32
.042
.052
S
0.89
1.27
.035
.050
Case outline Y
S
e
D
A
b
eA
E
Q
BASE
PLANE
SETTING
PLANE
A1
C
L
Symbol
Millimeters
Inches
Min
Max
Min
Max
A
6.60
.260
A1
0.76
1.27
.030
.050
b
0.41
0.53
.016
.021
c
0.18
0.33
.007
.013
D
9.40
9.91
.370
.390
e
2.29
2.79
.090
.110
E
8.13
.320
eA
7.37
7.87
.290
.310
L
12.70
.500
Q
0.51
.020
S
0.89
1.27
.035
.050
NOTES:
1.
The U.S. government preferred system of measurement is the metric SI. This item was designed using inch-pound units of measurement.
In case of problems involving conflicts between the metric and in-pound units, the inch-pound units shall rule.
2.
Pin 1 is indicated by the ESD triangle(s) marked on top of the package.


Similar Part No. - 53252

ManufacturerPart #DatasheetDescription
logo
SICK AG
5325285 SICK-5325285 Datasheet
214Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results

Similar Description - 53252

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
DIL8 ZETEX-DIL8 Datasheet
48Kb / 2P
   Dual in-line, 8 pin package
logo
IK Semicon Co., Ltd
KL3340 IKSEMICON-KL3340 Datasheet
198Kb / 5P
   Economical 8-Pin Dual-In-Line Package
logo
Micropac Industries
53115 MICROPAC-53115 Datasheet
93Kb / 8P
   Hermetically Sealed 8-Pin Dual-In-Line package
logo
EUROQUARTZ limited
G8 EUROQUARTZ-G8 Datasheet
113Kb / 2P
   8 pin Dual-in-Line
HPF8 EUROQUARTZ-HPF8 Datasheet
215Kb / 1P
   8 pin Dual-in-Line
GF8 EUROQUARTZ-GF8 Datasheet
203Kb / 1P
   8 pin Dual-in-Line
GDA8 EUROQUARTZ-GDA8 Datasheet
114Kb / 1P
   8 pin Dual-in-Line
HPA8 EUROQUARTZ-HPA8 Datasheet
215Kb / 1P
   8 pin Dual-in-Line
GV8 EUROQUARTZ-GV8 Datasheet
203Kb / 1P
   8 pin Dual-in-Line
HDW8 EUROQUARTZ-HDW8 Datasheet
101Kb / 1P
   8 pin Dual-in-Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com