Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

53115 Datasheet(PDF) 8 Page - Micropac Industries

Part No. 53115
Description  Hermetically Sealed 8-Pin Dual-In-Line package
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROPAC [Micropac Industries]
Homepage  http://www.micropac.com
Logo 

53115 Datasheet(HTML) 8 Page - Micropac Industries

   
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL:
hybridsales@micropac.com
Rev A
02 08 2013
8
53115
Power MOSFET Optocoupler
.050 (1.27)
.035 (0.89)
.050 (1.27)
.035 (0.89)
.050 (1.27)
.035 (0.89)
.110 (2.79)
.090 (2.29)
.390 (9.91)
.370 (9.40)
.390 (9.91)
.370 (9.40)
.110 (2.79)
.090 (2.29)
.110 (2.79)
.090 (2.29)
.390 (9.91)
.370 (9.41)
SEATING PLANE
.180 (4.57)
MAX
.013 (0.33)
.007 (0.18)
.170 (4.32)
MAX.
.320 (8.13)
MAX
.310 (7.87)
.290 (7.37)
.170 (4.32)
MAX.
.170 (4.32)
MAX.
.390 (9.91)
.380 (9.65)
.320 (8.13)
MAX
SEATING
PLANE
PIN 1
.310 (7.87)
.290 (7.37)
.320 (8.13)
MAX.
Case Outline P
Case Outline X
Case Outline Y
NOTES:
1. PIN 1 IS INDICATED BY THE ESD TRIANGLE MARKED ON THE LID OF THE PACKAGE.
2. DIMENSIONS ARE IN INCHES, (mm).
3. METRIC EQUIVALENTS ARE GIVEN FOR GENERAL INFORMATION ONLY.
4. UNLESS OTHERWISE SPECIFIED, TOLERANCE IS ±.005 (0.13mm).
.140 (3.56)
MAX.
.050 (1.27)
.035 (0.89)
SEATING PLANE
.045 (1.14)
.035 (0.89)
.110 (2.79)
.090 (2.29)
.390 (9.91)
.370 (9.40)
.320 (8.13)
MAX
.013 (0.33)
.007 (0.18)
.310 (7.87)
.290 (7.37)
Case Outline Z
.020 (0.51)
MAX.
.050 (1.27)
.030 (0.76)
.020 (0.51)
MIN
.065 (1.65)
.055 (1.40)
.020 (0.51)
MIN
.055 (1.40)
.045 (1.14)
.020 (0.51)
MIN
.013 (0.33)
.007 (0.18)
.150 (3.81) MIN.
0.052 [1.32]
0.042 [1.07]
0.016 [0.41]
0.020 [0.51]
0.016 [0.41]
0.020 [0.51]
Mii
31757 USA
53115
Q XXXXX


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn