Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

53115 Datasheet(PDF) 4 Page - Micropac Industries

Part No. 53115
Description  Hermetically Sealed 8-Pin Dual-In-Line package
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROPAC [Micropac Industries]
Homepage  http://www.micropac.com
Logo 

53115 Datasheet(HTML) 4 Page - Micropac Industries

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL:
hybridsales@micropac.com
Rev A
02 08 2013
4
53115
Power MOSFET Optocoupler
TYPICAL CHARACTERISTICS
All typical values are at TA = 25C, IF (ON) = 10mA, VF (OFF) = 0.6V unless otherwise specified.
Parameter
Symbol
Test
Conditions
Typ.
Units
Notes
Output Off-Capacitance
CO (OFF)
VO = 28 V
f = 1 MHz
145
pF
Output Offset Voltage
VOS
IF = 10 mA
IO = 0 mA
2
V
6
Input Diode Temperature
Coefficient
V
F /TA
IF = 10 mA
-1.4
mV/°C
Input Capacitance
CIN
VF = 0 V
f = 1 MHz
20
pF
7
Input-Output
Capacitance
CI-O
VI-O = 0 V
f = 1 MHz
1.5
pF
4
Input-Output Resistance
RI-O
VI-O = 500 V
t = 60 s
10
13

4
Notes:
1.
Maximum junction to case thermal resistance for the device is 15ºC/W, where case temperature, TC, is
measured at the center of the package bottom.
2.
Maximum permissible Output Power Dissipation is 800mW to 85
⁰C then derate linearly to Zero at 145⁰C.
3.
During the pulsed RON measurement (IO duration < 30 ms), ambient (TA) and case temperature (TC) are equal.
4.
Pins 2 through 3 shorted together and pins 5 through 8 shorted together.
5.
This is a momentary withstand test, not an operating condition.
6.
VOS is a function of IF and is defined between pins 5 and 8, with pin 5 as the reference. VOS must be measured
in a stable ambient (free of temperature gradients).
7.
Zero-bias capacitance measured between the LED anode and cathode.
8. Turn-On and Turn-Off times measured using specified voltage and resistive load. Reactive loads, specific
voltage and load currents may affect the actual time measured.
CAUTION:
Care should be taken not to exceed the maximum output power dissipation, maximum case temperature, and
maximum junction temperature when repetitively switching loads.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn