Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ4005EY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQ4005EY
Description  Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ4005EY Datasheet(HTML) 3 Page - Vishay Siliconix

  SQ4005EY_15 Datasheet HTML 1Page - Vishay Siliconix SQ4005EY_15 Datasheet HTML 2Page - Vishay Siliconix SQ4005EY_15 Datasheet HTML 3Page - Vishay Siliconix SQ4005EY_15 Datasheet HTML 4Page - Vishay Siliconix SQ4005EY_15 Datasheet HTML 5Page - Vishay Siliconix SQ4005EY_15 Datasheet HTML 6Page - Vishay Siliconix SQ4005EY_15 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SQ4005EY
www.vishay.com
Vishay Siliconix
Work-In-Progress
SPending-Rev. A, 12-Oct-15
3
Document Number: 64454
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Transfer Characteristics
Transconductance
Capacitance
0
6
12
18
24
30
02468
10
V
DS -Drain-to-Source Voltage (V)
V
GS = 5 V thru 2 V
V
GS = 1.5 V
V
GS = 1 V
0
1
2
3
4
5
0
1.5
1
2.5
2
3
V
GS - Gate-to-Source Voltage (V)
T
C = - 55 °C
T
C = 125 °C
T
C = 25 °C
0.00
0.01
0.02
0.03
0.04
0.05
0
6
12
18
24
30
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 2.5 V
V
GS = 1.8 V
0
6
12
18
24
30
012345
V
GS - Gate-to-Source Voltage (V)
T
C = - 55 °C
T
C = 125 °C
T
C = 25 °C
0
10
20
30
40
50
0369
12
15
I
D - Drain Current (A)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0
1000
2000
3000
4000
5000
0369
12
V
DS -Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss


Similar Part No. - SQ4005EY_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4005EY VISHAY-SQ4005EY_V01 Datasheet
215Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ4005EY VISHAY-SQ4005EY_V02 Datasheet
214Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQ4005EY_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS405CENW VISHAY-SQS405CENW_V01 Datasheet
233Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA409CEJW VISHAY-SQA409CEJW Datasheet
202Kb / 6P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4005EY VISHAY-SQ4005EY_V02 Datasheet
214Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3461EV VISHAY-SQ3461EV_15 Datasheet
238Kb / 12P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. A, 12-Oct-15
SQ2315ES VISHAY-SQ2315ES_15 Datasheet
269Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
SQS405EN VISHAY-SQS405EN_15 Datasheet
544Kb / 14P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. C, 30-Jul-12
SQS405CENW VISHAY-SQS405CENW Datasheet
233Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS405ENW VISHAY-SQS405ENW_V01 Datasheet
242Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS405ENW VISHAY-SQS405ENW_V02 Datasheet
241Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3461EV VISHAY-SQ3461EV_V02 Datasheet
294Kb / 10P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2315ES VISHAY-SQ2315ES_V02 Datasheet
202Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com