Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ3461EV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQ3461EV
Description  Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ3461EV Datasheet(HTML) 2 Page - Vishay Siliconix

  SQ3461EV_15 Datasheet HTML 1Page - Vishay Siliconix SQ3461EV_15 Datasheet HTML 2Page - Vishay Siliconix SQ3461EV_15 Datasheet HTML 3Page - Vishay Siliconix SQ3461EV_15 Datasheet HTML 4Page - Vishay Siliconix SQ3461EV_15 Datasheet HTML 5Page - Vishay Siliconix SQ3461EV_15 Datasheet HTML 6Page - Vishay Siliconix SQ3461EV_15 Datasheet HTML 7Page - Vishay Siliconix SQ3461EV_15 Datasheet HTML 8Page - Vishay Siliconix SQ3461EV_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SQ3461EV
www.vishay.com
Vishay Siliconix
S15-2401-Rev. A, 12-Oct-15
2
Document Number: 62994
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = -250 μA
-12
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 μA
-0.4
-0.6
-1
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = -12 V
-
-
-1
μA
VGS = 0 V
VDS = -12 V, TJ = 125 °C
-
-
-50
VGS = 0 V
VDS = -12 V, TJ = 175 °C
-
-
-150
On-State Drain Current a
ID(on)
VGS = -4.5 V
VDS = -5 V
-11
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = -4.5 V
ID = -7.9 A
-
0.021
0.025
Ω
VGS = -4.5 V
ID = -6.6 A, TJ = 125 °C
-
-
0.033
VGS = -4.5 V
ID = -3.5 A, TJ = 175 °C
-
-
0.037
VGS = -2.5 V
ID = -7 A
-
0.026
0.032
VGS = -1.8 V
ID = -3 A
-
0.036
0.043
Forward Transconductance b
gfs
VDS = -5 V, ID = -7.9 A
-
21
-
S
Dynamic b
Input Capacitance
Ciss
VGS = 0 V
VDS = -6 V, f = 1 MHz
-
1600
2000
pF
Output Capacitance
Coss
-
620
770
Reverse Transfer Capacitance
Crss
-
490
620
Total Gate Charge c
Qg
VGS = -4.5 V
VDS = -6 V, ID = -7.9 A
-21
28
nC
Gate-Source Charge c
Qgs
-2.5
-
Gate-Drain Charge c
Qgd
-7
-
Gate Resistance
Rg
f = 1 MHz
2.8
5.7
8.6
Ω
Turn-On Delay Time c
td(on)
VDD = -6 V, RL = 1.6
Ω
ID
≅ -7.9 A, VGEN = -4.5 V, Rg = 1 Ω
-12
17
ns
Rise Time c
tr
-52
68
Turn-Off Delay Time c
td(off)
-92
120
Fall Time c
tf
-71
93
Source-Drain Diode Ratings and Characteristics b
Pulsed Current a
ISM
--
-20
A
Forward Voltage
VSD
IF = -2 A, VGS = 0 V
-
-0.8
-1.2
V


Similar Part No. - SQ3461EV_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ3461EV VISHAY-SQ3461EV_V01 Datasheet
261Kb / 12P
   Automotive P-Channel 12 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ3461EV VISHAY-SQ3461EV_V02 Datasheet
294Kb / 10P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQ3461EV_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS405CENW VISHAY-SQS405CENW_V01 Datasheet
233Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA409CEJW VISHAY-SQA409CEJW Datasheet
202Kb / 6P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4005EY VISHAY-SQ4005EY_V02 Datasheet
214Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2315ES VISHAY-SQ2315ES_15 Datasheet
269Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
SQS405EN VISHAY-SQS405EN_15 Datasheet
544Kb / 14P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. C, 30-Jul-12
SQS405CENW VISHAY-SQS405CENW Datasheet
233Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS405ENW VISHAY-SQS405ENW_V01 Datasheet
242Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS405ENW VISHAY-SQS405ENW_V02 Datasheet
241Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3461EV VISHAY-SQ3461EV_V02 Datasheet
294Kb / 10P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2315ES VISHAY-SQ2315ES_V02 Datasheet
202Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com