Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ3418EV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQ3418EV
Description  Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ3418EV Datasheet(HTML) 2 Page - Vishay Siliconix

  SQ3418EV_15 Datasheet HTML 1Page - Vishay Siliconix SQ3418EV_15 Datasheet HTML 2Page - Vishay Siliconix SQ3418EV_15 Datasheet HTML 3Page - Vishay Siliconix SQ3418EV_15 Datasheet HTML 4Page - Vishay Siliconix SQ3418EV_15 Datasheet HTML 5Page - Vishay Siliconix SQ3418EV_15 Datasheet HTML 6Page - Vishay Siliconix SQ3418EV_15 Datasheet HTML 7Page - Vishay Siliconix SQ3418EV_15 Datasheet HTML 8Page - Vishay Siliconix SQ3418EV_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SQ3418EV
www.vishay.com
Vishay Siliconix
S15-1989-Rev. A, 24-Aug-15
2
Document Number: 63412
For technical questions, contact: automos.techsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = 250 μA
40
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.5
2.0
2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 40 V
-
-
1
μA
VGS = 0 V
VDS = 40 V, TJ = 125 °C
-
-
50
VGS = 0 V
VDS = 40 V, TJ = 175 °C
-
-
150
On-State Drain Current a
ID(on)
VGS = 10 V
VDS
≥ 5 V
10
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 10 V
ID = 5 A
-
0.026
0.032
Ω
VGS = 10 V
ID = 5 A, TJ = 125 °C
-
-
0.050
VGS = 10 V
ID = 5 A, TJ = 175 °C
-
-
0.061
VGS = 4.5 V
ID = 4 A
-
0.032
0.042
Forward Transconductance b
gfs
VDS = 15 V, ID = 4 A
-
21
-
S
Dynamic b
Input Capacitance
Ciss
VGS = 0 V
VDS = 20 V, f = 1 MHz
-
452
678
pF
Output Capacitance
Coss
-81
121
Reverse Transfer Capacitance
Crss
-36
53
Total Gate Charge c
Qg
VGS = 10 V
VDS = 20 V, ID = 4 A
-
8.5
12.7
nC
Gate-Source Charge c
Qgs
-1.1
-
Gate-Drain Charge c
Qgd
-2.0
-
Gate Resistance
Rg
f = 1 MHz
1.0
2.0
3.0
Ω
Turn-On Delay Time c
td(on)
VDD = 20 V, RL = 4
Ω
ID
≅ 5 A, VGEN = 10 V, Rg = 1 Ω
-6
8
ns
Rise Time c
tr
-28
37
Turn-Off Delay Time c
td(off)
-12
16
Fall Time c
tf
-37
50
Source-Drain Diode Ratings and Characteristics b (TC = 25 °C)
Pulsed Current a
ISM
--
32
A
Forward Voltage
VSD
IF = 3 A, VGS = 0
-
0.8
1.2
V


Similar Part No. - SQ3418EV_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ3418EV VISHAY-SQ3418EV_V01 Datasheet
274Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ3418EV VISHAY-SQ3418EV_V02 Datasheet
294Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQ3418EV_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD50N04-3M5L VISHAY-SQD50N04-3M5L Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 20-Aug-12
SQS400EN VISHAY-SQS400EN Datasheet
563Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 31-Oct-11
SQ2318AES VISHAY-SQ2318AES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
SQS484ENW VISHAY-SQS484ENW Datasheet
215Kb / 7P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 24-Oct-16
SQ3418EEV VISHAY-SQ3418EEV Datasheet
214Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
SQM120N04-1M7 VISHAY-SQM120N04-1M7_15 Datasheet
163Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 12-Mar-12
SQM120N04-1M9 VISHAY-SQM120N04-1M9_15 Datasheet
164Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Apr-12
SQM50N044M1 VISHAY-SQM50N044M1_15 Datasheet
167Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 26-Mar-12
SQM40016EM VISHAY-SQM40016EM_V01 Datasheet
213Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM120N04-1M7 VISHAY-SQM120N04-1M7 Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS484ENW VISHAY-SQS484ENW_V02 Datasheet
642Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com