Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ2303ES Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQ2303ES
Description  Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ2303ES Datasheet(HTML) 1 Page - Vishay Siliconix

  SQ2303ES_15 Datasheet HTML 1Page - Vishay Siliconix SQ2303ES_15 Datasheet HTML 2Page - Vishay Siliconix SQ2303ES_15 Datasheet HTML 3Page - Vishay Siliconix SQ2303ES_15 Datasheet HTML 4Page - Vishay Siliconix SQ2303ES_15 Datasheet HTML 5Page - Vishay Siliconix SQ2303ES_15 Datasheet HTML 6Page - Vishay Siliconix SQ2303ES_15 Datasheet HTML 7Page - Vishay Siliconix SQ2303ES_15 Datasheet HTML 8Page - Vishay Siliconix SQ2303ES_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SQ2303ES
www.vishay.com
Vishay Siliconix
S11-2111-Rev. B, 07-Nov-11
1
Document Number: 67023
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET
• AEC-Q101 Qualifiedc
•100 % Rg and UIS Tested
• Compliant to RoHS Directive 2002/95/EC
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. When mounted on 1" square PCB (FR-4 material).
c. Parametric verification ongoing.
PRODUCT SUMMARY
VDS (V)
- 30
RDS(on) () at VGS = - 10 V
0.170
RDS(on) () at VGS = - 4.5 V
0.370
ID (A)
- 2.5
Configuration
Single
S
G
D
P-Channel MOSFET
G
TO-236
(SOT-23)
S
D
Top View
SQ2303ES*
* Marking Code:8Cxxx
2
3
1
ORDERING INFORMATION
Package
SOT-23
Lead (Pb)-free and Halogen-free
SQ2303ES-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
TC = 25 °C
ID
- 2.5
A
TC = 125 °C
- 1.5
Continuous Source Current (Diode Conduction)
IS
- 2.4
Pulsed Drain Currenta
IDM
- 10
Single Pulse Avalanche Current
L = 0.1 mH
IAS
- 7
Single Pulse Avalanche Energy
EAS
2.4
mJ
Maximum Power Dissipationa
TC = 25 °C
PD
1.9
W
TC = 125 °C
0.6
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountb
RthJA
175
°C/W
Junction-to-Foot (Drain)
RthJF
78


Similar Part No. - SQ2303ES_15

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SQ2303ES-T1-GE3 VBSEMI-SQ2303ES-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SQ2303ES VISHAY-SQ2303ES_V01 Datasheet
208Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ2303ES VISHAY-SQ2303ES_V02 Datasheet
993Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQ2303ES_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4425EY VISHAY-SQ4425EY Datasheet
258Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQ4431EY VISHAY-SQ4431EY_15 Datasheet
258Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 20-May-13
SQS423ENW VISHAY-SQS423ENW_V02 Datasheet
224Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA37EP VISHAY-SQJA37EP_V02 Datasheet
241Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA403EJ VISHAY-SQA403EJ_V02 Datasheet
273Kb / 8P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD45P03-12 VISHAY-SQD45P03-12_V02 Datasheet
162Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4435EY VISHAY-SQ4435EY_15 Datasheet
253Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQ4483EY VISHAY-SQ4483EY_15 Datasheet
302Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 10-Aug-15
SQD50P03-07 VISHAY-SQD50P03-07_15 Datasheet
163Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJ403EEP VISHAY-SQJ403EEP Datasheet
183Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com