Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ1912AEEH Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SQ1912AEEH
Description  Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ1912AEEH Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SQ1912AEEH_15 Datasheet HTML 2Page - Vishay Siliconix SQ1912AEEH_15 Datasheet HTML 3Page - Vishay Siliconix SQ1912AEEH_15 Datasheet HTML 4Page - Vishay Siliconix SQ1912AEEH_15 Datasheet HTML 5Page - Vishay Siliconix SQ1912AEEH_15 Datasheet HTML 6Page - Vishay Siliconix SQ1912AEEH_15 Datasheet HTML 7Page - Vishay Siliconix SQ1912AEEH_15 Datasheet HTML 8Page - Vishay Siliconix SQ1912AEEH_15 Datasheet HTML 9Page - Vishay Siliconix SQ1912AEEH_15 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SQ1912AEEH
www.vishay.com
Vishay Siliconix
S15-1251 Rev. A, 01-Jun-15
6
Document Number: 62983
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Normalized Thermal Transient Impedance, Junction-to-Foot
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Foot (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?62983.
10-3
10-2
0
0
6
0
1
1
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 220 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
0.02
10-3
10-2
0
1
1
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
0.02


Similar Part No. - SQ1912AEEH_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ1912AEEH-T1-GE3 VISHAY-SQ1912AEEH-T1-GE3 Datasheet
285Kb / 12P
   Automotive Dual N-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ1912AEEH VISHAY-SQ1912AEEH_V01 Datasheet
285Kb / 12P
   Automotive Dual N-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQ1912AEEH_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ1902AEL VISHAY-SQ1902AEL_15 Datasheet
244Kb / 11P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 17-Aug-15
SQ1902AEL VISHAY-SQ1902AEL Datasheet
248Kb / 10P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1912EH VISHAY-SQ1912EH_V02 Datasheet
242Kb / 11P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1922AEEH VISHAY-SQ1922AEEH_V02 Datasheet
412Kb / 17P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1912EH VISHAY-SQ1912EH Datasheet
279Kb / 12P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 17-Aug-15
SQ1922EEH VISHAY-SQ1922EEH_V02 Datasheet
211Kb / 8P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS420EN VISHAY-SQS420EN Datasheet
1Mb / 14P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQS420EN VISHAY-SQS420EN_V02 Datasheet
1Mb / 12P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N02-3M5L VISHAY-SQD100N02-3M5L_V01 Datasheet
207Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3442EV VISHAY-SQ3442EV Datasheet
211Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com