Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ1563AEH Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SQ1563AEH
Description  N-and P-Channel 20 V (D-S) 175 °C MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ1563AEH Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SQ1563AEH_15 Datasheet HTML 4Page - Vishay Siliconix SQ1563AEH_15 Datasheet HTML 5Page - Vishay Siliconix SQ1563AEH_15 Datasheet HTML 6Page - Vishay Siliconix SQ1563AEH_15 Datasheet HTML 7Page - Vishay Siliconix SQ1563AEH_15 Datasheet HTML 8Page - Vishay Siliconix SQ1563AEH_15 Datasheet HTML 9Page - Vishay Siliconix SQ1563AEH_15 Datasheet HTML 10Page - Vishay Siliconix SQ1563AEH_15 Datasheet HTML 11Page - Vishay Siliconix SQ1563AEH_15 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SQ1563AEH
www.vishay.com
Vishay Siliconix
S15-2107-Rev. A, 07-Sep-15
8
Document Number: 62986
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
P-CHANNEL TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Source Drain Diode Forward Voltage
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Drain Source Breakdown vs. Junction Temperature
Safe Operating Area
0.001
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 25 °C
T
J = 150 °C
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 0.85 A
V
GS = 4.5 V
V
GS = 2.5 V
0
1
2
3
4
5
012345
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
- 25
- 24
- 23
- 22
- 21
- 20
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 1 mA
0.01
0.1
1
10
0.01
0.1
1
10
100
V
DS -Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
100 ms
Limited by R
DS(on)*
1 ms
I
DM Limited
T
C = 25 °C
Single Pulse
BVDSS Limited
10 ms
1 s, 10 s, DC
I
D Limited


Similar Part No. - SQ1563AEH_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ1563AEH VISHAY-SQ1563AEH_V01 Datasheet
300Kb / 15P
   N-and P-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ1563AEH VISHAY-SQ1563AEH_V02 Datasheet
299Kb / 15P
   N-and P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQ1563AEH_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ1563AEH VISHAY-SQ1563AEH_V02 Datasheet
299Kb / 15P
   N-and P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SUM60N02-3M9P VISHAY-SUM60N02-3M9P Datasheet
117Kb / 6P
   N-Channel 20-V (D-S) 175 °C MOSFET
Rev. A, 04-Feb-08
logo
VBsemi Electronics Co.,...
A06N03 VBSEMI-A06N03 Datasheet
916Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
AOD456 VBSEMI-AOD456 Datasheet
1Mb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
VBE1206 VBSEMI-VBE1206 Datasheet
479Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
06N03LA VBSEMI-06N03LA_V01 Datasheet
1Mb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
K3918-ZK VBSEMI-K3918-ZK Datasheet
917Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
TSM60N03CP VBSEMI-TSM60N03CP Datasheet
902Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
STD70N02L VBSEMI-STD70N02L Datasheet
902Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
logo
Vishay Siliconix
SQ1539EH VISHAY-SQ1539EH_V02 Datasheet
312Kb / 15P
   N-and P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com