Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9307IRTAAJFEV1Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL9307IRTAAJFEV1Z
Description  3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9307IRTAAJFEV1Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL9307IRTAAJFEV1Z Datasheet HTML 1Page - Intersil Corporation ISL9307IRTAAJFEV1Z Datasheet HTML 2Page - Intersil Corporation ISL9307IRTAAJFEV1Z Datasheet HTML 3Page - Intersil Corporation ISL9307IRTAAJFEV1Z Datasheet HTML 4Page - Intersil Corporation ISL9307IRTAAJFEV1Z Datasheet HTML 5Page - Intersil Corporation ISL9307IRTAAJFEV1Z Datasheet HTML 6Page - Intersil Corporation ISL9307IRTAAJFEV1Z Datasheet HTML 7Page - Intersil Corporation ISL9307IRTAAJFEV1Z Datasheet HTML 8Page - Intersil Corporation ISL9307IRTAAJFEV1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
3MHz Dual 1500mA Step-Down Converters and Dual
Low-Input LDOs
ISL9307
The ISL9307 is an integrated mini Power Management IC
(mini-PMIC) ideal for applications for powering low-voltage
microprocessor or multiple voltage rails with a battery as an
input source, such as a single Li-ion or Li-polymer. ISL9307
integrates two high-efficiency, 3MHz, synchronous step-down
converters (DCD1 and DCD2) and two low-input, low-dropout
linear regulators (LDO1 and LDO2).
The 3MHz PWM switching frequency allows the use of very
small external inductors and capacitors. Both step-down
converters can enter skip mode under light load conditions to
further improve efficiency and maximize battery life.
The ISL9307 features EN pins for each channel, thus allowing
startup delay for power sequencing.
The ISL9307 also provides two 300mA low-dropout (LDO)
regulators. The input voltage range is 1.5V to 5.5V, which
allows them to be powered from one of the on-chip step-down
converters or directly from a battery. The default LDO power-up
output comes with factory pre-set fixed output voltage options
between 0.9V and 3.3V.
The ISL9307 is available in a 4mmx4mm 16 Ld TQFN.
Features
• Dual 1500mA, Synchronous Step-down Converters and Dual
300mA, General-purpose LDOs
• Input Voltage Range
- DCD1/DCD2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5V to 5.5V
- VINLDO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V to 5.5V
• Adjustable Output Voltage
- VODCD1/VODCD2 . . . . . . . . . . . . . . . . . . . . . . . . 0.8V to VIN
•50μA IQ (Typ) with DCD1/DCD2 in Skip Mode; 20μA IQ (Typ)
for each Enabled LDO
• EN Pins for DCD1/DCD2 and LDO1/LDO2
• Small, Thin, 4mmx4mm TQFN
Applications
• Cellular Phones, Smart Phones
• PDAs, Portable Media Players, Portable Instruments
• Single Li-ion/Li-polymer Battery-Powered Equipment
•DSP Core Power
FIGURE 1. TYPICAL APPLICATION DIAGRAM
ISL9307
L1 = 1.5µH
2.5V TO 5.5V
1500m A
1500m A
1.5V TO 5.5V
300m A
300m A
R1
R2
R3
R4
1µF
C2
L2 = 1.5µH
C4
10µF
C5
10µF
C6
1µF
C7
1µF
ENDCD1
VINDCD1
VINLDO
VINDCD2
ENDCD2
ENLDO 1
ENLDO 2
GNDDCD1
GNDDCD2
GNDLDO
C1
10µF
VOLDO2
SW 1
FB1
SW 2
FB2
VOLDO 1
NOTE: ONLY FOR ADJUSTABLE OUTPUT VERSION . FOR FIXED
OUTPUT VERSION , DIRECTLY CONNECT THE FB PIN TO THE
OUTPUT OF THE BUCK CONVERTER .
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
September 20, 2012
FN7931.3


Similar Part No. - ISL9307IRTAAJFEV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9307IRTAAJFEV1Z RENESAS-ISL9307IRTAAJFEV1Z Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
More results

Similar Description - ISL9307IRTAAJFEV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com