Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9021IRUSZ-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL9021IRUSZ-T
Description  250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9021IRUSZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL9021IRUSZ-T Datasheet HTML 2Page - Intersil Corporation ISL9021IRUSZ-T Datasheet HTML 3Page - Intersil Corporation ISL9021IRUSZ-T Datasheet HTML 4Page - Intersil Corporation ISL9021IRUSZ-T Datasheet HTML 5Page - Intersil Corporation ISL9021IRUSZ-T Datasheet HTML 6Page - Intersil Corporation ISL9021IRUSZ-T Datasheet HTML 7Page - Intersil Corporation ISL9021IRUSZ-T Datasheet HTML 8Page - Intersil Corporation ISL9021IRUSZ-T Datasheet HTML 9Page - Intersil Corporation ISL9021IRUSZ-T Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6867.2
January 14, 2010
ISL9021
Wafer Level Chip Scale Package
(WLCSP 0.4mm Ball Pitch)
SIDE VIEW
TOP VIEW
BOTTOM VIEW
PIN 1
E
D
A2
b
A1
e ( E1 )
SE
e ( D1 )
2
b
A
B
SD
A
1
W2x2.4
2x2 ARRAY 4 BALL WAFER LEVEL CHIP SCALE PACKAGE
SYMBOL
MILLIMETERS
A
0.44 Min, 0.495 Nom, 0.55 Max
A1
0.190 ±0.030
A2
0.305 ±0.025
b
0.270 ±0.030
D
1.155 ±0.020
D1
0.400 BASIC
E
0.975 ±0.020
E1
0.400 BASIC
e
0.400 BASIC
SD
0.200 BASIC
SE
0.00 BASIC
NUMBER OF BUMPS: 4
Rev. 2 6/08
NOTES:
1. All dimensions are in millimeters.


Similar Part No. - ISL9021IRUSZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021IRUSZ-T INTERSIL-ISL9021IRUSZ-T Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021IRUSZ-T RENESAS-ISL9021IRUSZ-T Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
More results

Similar Description - ISL9021IRUSZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021AIINZ-T INTERSIL-ISL9021AIINZ-T Datasheet
325Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
December 20, 2012
ISL9021 INTERSIL-ISL9021 Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021A RENESAS-ISL9021A Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com