Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9307IRTAANFZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL9307IRTAANFZ-T
Description  3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9307IRTAANFZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL9307IRTAANFZ-T Datasheet HTML 5Page - Intersil Corporation ISL9307IRTAANFZ-T Datasheet HTML 6Page - Intersil Corporation ISL9307IRTAANFZ-T Datasheet HTML 7Page - Intersil Corporation ISL9307IRTAANFZ-T Datasheet HTML 8Page - Intersil Corporation ISL9307IRTAANFZ-T Datasheet HTML 9Page - Intersil Corporation ISL9307IRTAANFZ-T Datasheet HTML 10Page - Intersil Corporation ISL9307IRTAANFZ-T Datasheet HTML 11Page - Intersil Corporation ISL9307IRTAANFZ-T Datasheet HTML 12Page - Intersil Corporation ISL9307IRTAANFZ-T Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ISL9307
10
FN7931.3
September 20, 2012
FIGURE 9. DCD1 TRANSIENT RESPONSE (VIN = 3.6V, STEP LOAD:
150mA TO 1500mA) CH1: VODCD1 (100mV/DIV, AC),
CH2: VODCD2 (50mV/DIV, AC, CH4: IL4 (500mA/DIV)
FIGURE 10. DCD2 TRANSIENT RESPONSE (VIN = 3.6V, STEP LOAD:
150mA TO 1500mA) CH1: VODCD1 (100mV/DIV, AC),
CH2: VODCD2 (50mV/DIV, AC, CH4: IL4 (500mA/DIV)
FIGURE 11. ENABLE WAVEFORM
CH1: ENDCD1/ENDCD2/ENLDO1/ENLDO2 (5V/DIV),
CH2: VODCD1: (2V/DIV), CH3: VODCD2 (2V/DIV),
CH4: VOLDO1 (1V/DIV)
FIGURE 12. 4-CHANNEL POWER-UP AFTER ENABLE
CH1: VOLDO1 (1V/DIV), CH2: VODCD1 (2V/DIV),
CH3: VODCD2 (2V/DIV), CH4: VOLDO2 (1V/DIV)
FIGURE 13. EFFICIENCY vs LOAD (VOUT = 1.8V, PFM/PWM)
FIGURE 14. EFFICIENCY vs LOAD (VOUT = 1.2V, FORCED PWM)
Typical Operating Conditions (Continued)
30
40
50
60
70
80
90
100
1
10
100
1000
10000
OUTPUT CURRENT (mA)
VIN = 3.6V
VIN = 5.5V
VIN = 2.8V
30
40
50
60
70
80
90
1
10
100
1000
10000
VIN = 3.6V
VIN = 5.5V
VIN = 2.8V
OUTPUT CURRENT (mA)


Similar Part No. - ISL9307IRTAANFZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9307IRTAANFZ-T RENESAS-ISL9307IRTAANFZ-T Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAANFZ-T7A RENESAS-ISL9307IRTAANFZ-T7A Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
More results

Similar Description - ISL9307IRTAANFZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com