Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28134IBZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL28134IBZ
Description  5V Ultra Low Noise, Zero Drift Rail-to-Rail Precis Op Amp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28134IBZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL28134IBZ Datasheet HTML 1Page - Intersil Corporation ISL28134IBZ Datasheet HTML 2Page - Intersil Corporation ISL28134IBZ Datasheet HTML 3Page - Intersil Corporation ISL28134IBZ Datasheet HTML 4Page - Intersil Corporation ISL28134IBZ Datasheet HTML 5Page - Intersil Corporation ISL28134IBZ Datasheet HTML 6Page - Intersil Corporation ISL28134IBZ Datasheet HTML 7Page - Intersil Corporation ISL28134IBZ Datasheet HTML 8Page - Intersil Corporation ISL28134IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ISL28134
5
FN6957.6
October 14, 2014
Submit Document Feedback
IS
Supply Current Per Amplifier
RL = OPEN
-
675
900
µA
RL = OPEN
TA = -40°C to +85°C
-
-
1075
µA
RL = OPEN
TA = -40°C to +125°C
-
-
1150
µA
ISC
Short Circuit Output Source Current
RL = Short to V-
-
65
-
mA
Short Circuit Output Sink Current
RL = Short to V+
-
-65
-
mA
VOH
Output Voltage Swing, HIGH
From VOUT to V+
RL = 10kΩto VCM
15
10
-
mV
RL = 10kΩto VCM
15
--
mV
VOL
Output Voltage Swing, LOW
From V- to VOUT
RL = 10kΩto VCM
-
10
15
mV
RL = 10kΩto VCM
--
15
mV
AOL
Open Loop Gain
RL = 1MΩ
-174
-
dB
AC SPECIFICATIONS
CIN
Input Capacitance
Differential
-
5.2
-
pF
Common Mode
-
5.6
-
pF
eN
Input Noise Voltage
f = 0.1Hz to 10Hz
-
250
400
nVP-P
f = 10Hz
-
8
-
nV/
Hz
f = 1kHz
-
10
-
nV/
Hz
IN
Input Noise Current
f = 1kHz
-
200
-
fA/
Hz
GBWP
Gain Bandwidth Product
-
3.5
-
MHz
EMIRR
EMI Rejection Ratio
AV = +1, VIN = 200mVp-p, VCM = 0V,
V+ = 2.5V, V- = -2.5V
-75-
dB
TRANSIENT RESPONSE
SR
Positive Slew Rate
V+ = 5V, V- = 0V, VOUT = 1V to 3V, RL = 100kΩ,
CL =3.7pF
-1.5
-
V/µs
Negative Slew Rate
-
1.0
-
V/µs
tr, tf, Small Signal
Rise Time, tr 10% to 90%
V+ = 5V, V- = 0V, VOUT = 0.1VP-P, RF = 0Ω,
RL = 100kΩ, CL =3.7pF
-0.07
-
µs
Fall Time, tf 10% to 90%
-
0.17
-
µs
tr, tf Large Signal
Rise Time, tr 10% to 90%
V+ = 5V, V- = 0V, VOUT = 2VP-P, RF =0Ω,
RL = 100kΩ, CL =3.7pF
-1.3
-
µs
Fall Time, tf 10% to 90%
-
2.0
-
µs
ts
Settling Time to 0.1%, 2VP-P Step
AV = -1, RF = 1kΩ, CL = 3.7pF
-
100
-
µs
trecover
Output Overload Recovery Time, Recovery
to 90% of Output Saturation
AV = +2, RF = 10kΩ, RL = 100k, CL = 3.7pF
-
3.1
-
µs
VOS
Input Offset Voltage
-2.5
-0.2
2.5
µV
TA = -40°C to +85°C
-3.4
-
3.4
µV
TA = -40°C to +125°C
-4
-
-4
µV
TCVOS
Input Offset Voltage Temperature
Coefficient
TA = -40°C to +125°C
-15
-0.5
15
nV/°C
Electrical Specifications VS = 5V, VCM = 2.5V, TA = +25°C, unless otherwise specified. Boldface limits apply across the specified
operating temperature range. (Continued)
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNITS


Similar Part No. - ISL28134IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Renesas Technology Corp
ISL28134IBZ RENESAS-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
More results

Similar Description - ISL28134IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28134_1107 INTERSIL-ISL28134_1107 Datasheet
1Mb / 24P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 20P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Linear Technology
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
LT1152 LINER-LT1152_15 Datasheet
227Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Analog Devices
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
logo
Analog Devices
ADA4051-1 AD-ADA4051-1 Datasheet
620Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com