Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28005FH20Z-T7A Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL28005FH20Z-T7A
Description  Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28005FH20Z-T7A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL28005FH20Z-T7A Datasheet HTML 6Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 7Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 8Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 9Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 10Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 11Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 12Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 13Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ISL28005
10
FN6973.5
October 24, 2013
Applications Information
Functional Description
The ISL28005-20, ISL28005-50 and ISL28005-100 are single
supply, uni-directional current sense amplifiers with fixed gains
of 20V/V, 50V/V and 100V/V respectively.
The ISL28005 is a 2-stage amplifier. Figure 26 shows the active
circuitry for high-side current sense applications where the sense
voltage is between 1.35V to 28V. Figure 27 shows the active
circuitry for ground sense applications where the sense voltage is
between 0V to 1.35V.
The first stage is a bi-level trans-conductance amp and level
translator. The gm stage converts the low voltage drop (VSENSE)
sensed across an external milli-ohm sense resistor, to a current
(@ gm = 21.3µA/V). The trans-conductance amplifier forces a
current through R1 resulting to a voltage drop across R1 that is
equal to the sense voltage (VSENSE). The current through R1 is
mirrored across R5 creating a ground-referenced voltage at the
input of the second amplifier equal to VSENSE.
The second stage is responsible for the overall gain and
frequency response performance of the device. The fixed gains
(20, 50, 100) are set with internal resistors Rf and Rg. The only
external component needed is a current sense resistor (typically
0.001
Ω to 0.01Ω, 1W to 2W).
The transfer function is given in Equation 1.
Where ISRS is the product of the load current and the sense
resistor and is equal to VSENSE.
When the sensed input voltage is >1.35V, the gmHI amplifier
path is selected and the input gm stage derives its ~2.86µA
supply current from the input source through the RS+ terminal.
When the sense voltage at RS+ drops below the 1.35V threshold,
the gmLO amplifier is enabled for Low Side current sensing. The
gmLO input bias current reverses, flowing out of the RS- pin.
Since the gmLO amplifier is sensing voltage around ground, it
cannot source current to R5. A current mirror referenced off Vcc
supplies the current to the second stage for generating a ground
referenced output voltage. See Figures 19 and 20 for typical
input bias currents for High and Low side current sensing.
FIGURE 23. SLEW RATE, ts, SATURATION RECOVERY TIME
FIGURE 24. GAIN vs FREQUENCY
FIGURE 25. SLEW RATE
Test Circuits and Waveforms (Continued)
RS+
VCC
RS-
VOUT
OUT
RL
GND
VRS-
VRS+
1M
Ω
PULSE
GENERATOR
RS+
VCC
RS-
VOUT
OUT
RL
GND
VSENSE
VRS+
1M
Ω
SIGNAL
GENERATOR
RS+
VCC
RS-
VOUT
OUT
RL
GND
VRS+
1M
Ω
PULSE
GENERATOR
V
OUT
GAIN
I
SRS
V
OS
+
()
×
=
(EQ. 1)


Similar Part No. - ISL28005FH20Z-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28005FH20Z-T7A INTERSIL-ISL28005FH20Z-T7A Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28005FH20Z-T7A INTERSIL-ISL28005FH20Z-T7A Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Renesas Technology Corp
ISL28005FH20Z-T7A RENESAS-ISL28005FH20Z-T7A Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
More results

Similar Description - ISL28005FH20Z-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com