Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28006FH50Z-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL28006FH50Z-T7
Description  Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28006FH50Z-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL28006FH50Z-T7 Datasheet HTML 2Page - Intersil Corporation ISL28006FH50Z-T7 Datasheet HTML 3Page - Intersil Corporation ISL28006FH50Z-T7 Datasheet HTML 4Page - Intersil Corporation ISL28006FH50Z-T7 Datasheet HTML 5Page - Intersil Corporation ISL28006FH50Z-T7 Datasheet HTML 6Page - Intersil Corporation ISL28006FH50Z-T7 Datasheet HTML 7Page - Intersil Corporation ISL28006FH50Z-T7 Datasheet HTML 8Page - Intersil Corporation ISL28006FH50Z-T7 Datasheet HTML 9Page - Intersil Corporation ISL28006FH50Z-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ISL28006
6
FN6548.6
November 22, 2013
ICC
Gain = 100
VRS+ > 2V, VSENSE = 5mV
50
59
µA
62
µA
Gain = 50, 20,
VRS+ > 2V, VSENSE = 5mV
50
62
µA
63
µA
ADJ Gain = 21
Rf = 100kΩ, Rg = 5kΩ
VRS+ > 2V, VSENSE = 5mV
50
62
µA
63
µA
VCC
Supply Voltage
Guaranteed by PSRR
2.7
28
V
Slew Rate
Gain = 100
Pulse on RS+ pin, VOUT = 8VP-P (Figure 75)
0.58
0.76
V/µs
Gain = 50
Pulse on RS+ pin, VOUT = 8VP-P (Figure 75)
0.58
0.67
V/µs
Gain = 20
Pulse on RS+ pin, VOUT = 3.5VP-P (Figure 75)
0.50
0.67
V/µs
ADJ Gain = 21
Rf = 100kΩ, Rg = 5kΩ
Pulse on RS+ pin, VOUT = 3.5VP-P (Figure 75)
0.50
0.67
V/µs
BW-3dB
Gain = 100
VRS+ = 12V, 0.1V, VSENSE = 100mV
110
kHz
Gain = 50
VRS+ = 12V, 0.1V, VSENSE = 100mV
160
kHz
Gain = 20
VRS+ = 12V, 0.1V, VSENSE = 100mV
180
kHz
ADJ, Gain = 101 (Figure 65)
VRS+ = 12V, 0.1V, VSENSE = 100mV, Rf = 100kΩ,
Rg =1kΩ
40
kHz
ADJ, Gain = 51 (Figure 65)
VRS+ = 12V, VSENSE = 100mV, Rf = 100kΩ, Rg = 2kΩ
78
kHz
VRS+ = 0.1V, VSENSE = 100mV, Rf = 100kΩ, Rg = 2kΩ
122
kHz
ADJ, Gain = 21 (Figure 65)
VRS+ = 12V, VSENSE = 100mV, Rf = 100kΩ, Rg = 5kΩ
131
kHz
VRS+ = 0.1V, VSENSE = 100mV, Rf = 100kΩ, Rg = 5kΩ
237
kHz
tS
Output Settling Time to 1% of Final
Value
VCC = VRS+ = 12V, VOUT =10V step, VSENSE > 7mV
15
µs
VCC = VRS+ = 0.2V, VOUT = 10V step, VSENSE > 7mV
20
µs
Capacitive-Load Stability
No sustained oscillations
300
pF
tS Power-up
Power-Up Time to 1% of Final Value VCC = VRS+ = 12V, VSENSE = 100mV
15
µs
VCC = 12V, VRS+ = 0.2V, VSENSE = 100mV
50
µs
Saturation Recovery Time
VCC = VRS+ = 12V, VSENSE = 100mV, overdrive
10
µs
NOTES:
7. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
8. DEFINITION OF TERMS:
• VSENSEA = VSENSE @ 100mV
• VSENSEB = VSENSE @ 20mV
• VOUTA = VOUT @ VSENSEA = 100mV
• VOUTB = VOUT @ VSENSEB = 20mV
• G =
9. VOS is extrapolated from the gain measurement.
10. % Gain Accuracy = GA =
11. Output Accuracy % VOA =
, where VOUT = VSENSE X GAIN and VSENSE = 100mV
Electrical Specifications VCC = 12V, VRS+ = 0V to 28V, VSENSE = 0V, RLOAD = 1MΩ, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C. Temperature data established by characterization.
(Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
GAIN
VOUTAVOUTB
VSENSEAVSENSEB
------------------------------------------------------
⎝⎠
⎜⎟
⎛⎞
=
VOS
VSENSEA
VOUTA
G
-----------------
=
GMEASURED GEXPECTED
GEXPECTED
---------------------------------------------------------------------
⎝⎠
⎜⎟
⎛⎞
100
×
VOUTMEASURED VOUTEXPECTED
VOUTEXPECTED
-------------------------------------------------------------------------------------------
⎝⎠
⎜⎟
⎛⎞
100
×


Similar Part No. - ISL28006FH50Z-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28006FH50Z-T7 INTERSIL-ISL28006FH50Z-T7 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
ISL28006FH50Z-T7 INTERSIL-ISL28006FH50Z-T7 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH50Z-T7 INTERSIL-ISL28006FH50Z-T7 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Renesas Technology Corp
ISL28006FH50Z-T7 RENESAS-ISL28006FH50Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28006FH50Z-T7A INTERSIL-ISL28006FH50Z-T7A Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
More results

Similar Description - ISL28006FH50Z-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com