Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9021IIYZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL9021IIYZ-T
Description  250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9021IIYZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL9021IIYZ-T Datasheet HTML 1Page - Intersil Corporation ISL9021IIYZ-T Datasheet HTML 2Page - Intersil Corporation ISL9021IIYZ-T Datasheet HTML 3Page - Intersil Corporation ISL9021IIYZ-T Datasheet HTML 4Page - Intersil Corporation ISL9021IIYZ-T Datasheet HTML 5Page - Intersil Corporation ISL9021IIYZ-T Datasheet HTML 6Page - Intersil Corporation ISL9021IIYZ-T Datasheet HTML 7Page - Intersil Corporation ISL9021IIYZ-T Datasheet HTML 8Page - Intersil Corporation ISL9021IIYZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN6867.2
January 14, 2010
Typical Operating Performance
FIGURE 1. QUIESCENT CURRENT vs INPUT VOLTAGE
(VOUT = 0.9V)
FIGURE 2. QUIESCENT CURRENT vs INPUT VOLTAGE
(VOUT = 1.85V)
FIGURE 3. QUIESCENT CURRENT vs INPUT VOLTAGE
(VOUT = 3.3V)
FIGURE 4. LOAD REGULATION vs TEMPERATURE
(VOUT =1.85V)
FIGURE 5. LINE REGULATION vs TEMPERATURE
(VOUT = 1.85V)
FIGURE 6. LOAD REGULATION vs TEMPERATURE
(VOUT =3.3V)
0
5
10
15
20
25
30
35
40
45
1.52.5
3.54.5
5.5
INPUT VOLTAGE (V)
T = +85°C
T = +45°C
T = ROOM TEMP
T = 0°C
T = -25°C
T = -40°C
0
5
10
15
20
25
30
35
40
45
1.5
2.5
3.5
4.5
5.5
INPUT VOLTAGE (V)
T = +85°C
T = ROOM TEMP
T = 0°C
T = -25°C
T = -40°C
T = +45°C
-10
0
10
20
30
40
50
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
T = +85°C
T = +45°C
T = ROOM TEMP
T = 0°C
T = -25°C
T = -40°C
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
0
50
100
150
200
250
300
Io (mA)
-40°C
+25°C
+85°C
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.53.5
4.55.5
6.5
VIN(V)
-40°C
+25°C
+85°C
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
0
50
100
150
200
250
300
Io (mA)
-40°C
+25°C
+85°C
ISL9021


Similar Part No. - ISL9021IIYZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021IIYZ-T INTERSIL-ISL9021IIYZ-T Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021IIYZ-T RENESAS-ISL9021IIYZ-T Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
More results

Similar Description - ISL9021IIYZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021AIINZ-T INTERSIL-ISL9021AIINZ-T Datasheet
325Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
December 20, 2012
ISL9021 INTERSIL-ISL9021 Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021A RENESAS-ISL9021A Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com