Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9220IRTZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL9220IRTZ-T
Description  Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9220IRTZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL9220IRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL9220IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL9220IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL9220IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL9220IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL9220IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL9220IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL9220IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL9220IRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ISL9220, ISL9220A
4
FN6936.3
February 16, 2012
Level 1 Pre-Charge Current Range (Linear
mode)
IPCHG1
VBAT < VPCHG1
25
50
90
mA
Level 2 Pre-Charge Current Accuracy
IPCHG2
RSNS = 0.039Ω
RISET2 = 300kΩ (Nominal IPCHG = 140mA)
-
±20
-
%
Level 1 Pre-Charge Threshold Voltage
VPCHG1
ISL9220
2.42
2.5
2.56
V
ISL9220A
4.8
5.0
5.3
V
Level 2 Pre-Charge Threshold Voltage
VPCHG2
ISL9220
2.9
3.0
3.1
V
ISL9220A
5.75
6.0
6.25
V
RECHARGE THRESHOLD
Recharge Voltage Threshold
VRECHG
ISL9220
3.85
4.0
4.1
V
ISL9220A
7.75
8.0
8.25
V
TEMPERATURE MONITORING
High Battery Temperature Threshold
VTMIN
Specified as % of VBIAS
30
35
40
%
Low Battery Temperature Threshold
VTMAX
Specified as % of VBIAS
70
75
80
%
Battery Removal Threshold
VRMV
Specified as % of VBIAS
90
95
-
%
Thermistor Disable Threshold
VT_DIS
-
250
-
mV
Temperature Threshold Hysteresis
VT,HYS
-
180
-
mV
Temperature Detection Deglitch Time
-12-
ms
THERMAL PROTECTION
Thermal Shutdown Threshold
TFD
-
140
-
°C
Thermal Hysteresis
THYS
-30-
°C
VBIAS OUTPUT
Output Voltage
VBIAS
5.3 < VIN < 15V, IVBIAS = 5mA
4.70
5.0
5.25
V
Output Current
IBIAS
5.3 < VIN < 15V
-
-
5
mA
OSCILLATOR
Oscillation Period
tOSC
CTIME = 15nF
-
3.0
-
ms
SWITCHING CHARGER AC CHARACTERISTICS
Switching Frequency
FOSC
1.02
1.2
1.38
MHz
Maximum Duty Cycle
DMAX
-96-
%
Minimum Duty Cycle
DMIN
-0-
%
Cycle-By-Cycle Current Limit
ILIM
-3.0
-
A
SWITCHING CHARGER DC CHARACTERISTICS
High-Side MOSFET ON-Resistance
rDS(ON), HS1
-
112
-
m
Ω
Combined High Side ON-Resistance
(Note 7)
rDS(ON), HS2
Measured between VIN and SW pins
-
224
450
m
Ω
Low-Side MOSFET ON-Resistance
rDS(ON), L
-
72
180
m
Ω
High-Side Path Reverse Leakage Current
IREV
VIN = 0V, VSW = 15V
-
1.0
5.0
µA
Charger Output Voltage
VCHG
ISL9220, IOUT = 100mA, TA = +25°C
4.179
4.2
4.221
V
ISL9220A, IOUT = 100mA, TA = +25°C
8.358
8.4
8.442
V
ISL9220, IOUT = 100mA
4.158
4.2
4.242
V
ISL9220A, IOUT = 100mA
8.316
8.4
8.484
V
Electrical Specifications Typical specifications are measured at the following conditions: TA = +25°C; For ISL9220, VIN =5V;
For ISL9220A, VIN = 12V. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS


Similar Part No. - ISL9220IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220IRTZ-T RENESAS-ISL9220IRTZ-T Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220IRTZ-T7A INTERSIL-ISL9220IRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220IRTZ-T7A RENESAS-ISL9220IRTZ-T7A Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results

Similar Description - ISL9220IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220_10 Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Vishay Siliconix
SI9731 VISHAY-SI9731_09 Datasheet
148Kb / 11P
   uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. C, 26-Oct-09
SI9731 VISHAY-SI9731 Datasheet
135Kb / 10P
   UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. B, 22-May-06
logo
Texas Instruments
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com