Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8845AMBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL8845AMBZ
Description  High Performance Industry Standard Single-Ended Current Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8845AMBZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL8845AMBZ Datasheet HTML 1Page - Intersil Corporation ISL8845AMBZ Datasheet HTML 2Page - Intersil Corporation ISL8845AMBZ Datasheet HTML 3Page - Intersil Corporation ISL8845AMBZ Datasheet HTML 4Page - Intersil Corporation ISL8845AMBZ Datasheet HTML 5Page - Intersil Corporation ISL8845AMBZ Datasheet HTML 6Page - Intersil Corporation ISL8845AMBZ Datasheet HTML 7Page - Intersil Corporation ISL8845AMBZ Datasheet HTML 8Page - Intersil Corporation ISL8845AMBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN6320.3
ISL8840A, ISL8841A, ISL8842A,
ISL8843A, ISL8844A, ISL8845A
High Performance Industry Standard
Single-Ended Current Mode PWM
Controller
The ISL884xA is a high performance drop-in replacement for
the popular 28C4x and 18C4x PWM controllers suitable for a
wide range of power conversion applications including
boost, flyback, and isolated output configurations. Its fast
signal propagation and output switching characteristics
make this an ideal product for existing and new designs.
Features include 30V operation, low operating current, 90
μA
start-up current, adjustable operating frequency to 2MHz,
and high peak current drive capability with 20ns rise and fall
times.
Pinout
ISL8840A, ISL8841A, ISL8842A, ISL8843A, ISL8844A, ISL8845A
(8 LD SOIC, MSOP)
TOP VIEW
Features
• 1A MOSFET gate driver
•90
μA start-up current, 125μA maximum
• 35ns propagation delay current sense to output
• Fast transient response with peak current mode control
• 30V operation
• Adjustable switching frequency to 2MHz
• 20ns rise and fall times with 1nF output load
• Trimmed timing capacitor discharge current for accurate
deadtime/maximum duty cycle control
• 1.5MHz bandwidth error amplifier
• Tight tolerance voltage reference over line, load and
temperature
• ±3% current limit threshold
• Pb-free plus anneal available
and ELV, WEEE, RoHS
Compliant
Applications
• Telecom and datacom power
• Wireless base station power
• File server power
• Industrial power systems
• PC power supplies
• Isolated buck and flyback regulators
• Boost regulators
PART NUMBER
RISING UVLO
MAX. DUTY CYCLE
ISL8840A
7.0
100%
ISL8841A
7.0
50%
ISL8842A
14.4V
100%
ISL8843A
8.4V
100%
ISL8844A
14.4V
50%
ISL8845A
8.4V
50%
COMP
FB
RTCT
VREF
VDD
OUT
GND
1
2
3
4
8
CS
7
6
5
Data Sheet
April 18, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005, 2006, 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL8845AMBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8845AMBZ INTERSIL-ISL8845AMBZ Datasheet
302Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL8845AMBZ RENESAS-ISL8845AMBZ Datasheet
716Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
More results

Similar Description - ISL8845AMBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8840A INTERSIL-ISL8840A Datasheet
302Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL8840A RENESAS-ISL8840A Datasheet
716Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL8840AMZ INTERSIL-ISL8840AMZ Datasheet
229Kb / 10P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
December 1, 2011
ISL8840AMBEPZ INTERSIL-ISL8840AMBEPZ Datasheet
231Kb / 10P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
ISL78840ASRH INTERSIL-ISL78840ASRH_10 Datasheet
766Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
ISL8843 INTERSIL-ISL8843 Datasheet
305Kb / 12P
   Industry Standard Single-Ended Current Mode PWM Controller
ISL8843 INTERSIL-ISL8843 Datasheet
341Kb / 13P
   Industry Standard Single-Ended Current Mode PWM Controller
September 14, 2015
logo
Renesas Technology Corp
ISL8843 RENESAS-ISL8843 Datasheet
639Kb / 13P
   Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL8843 INTERSIL-ISL8843_06 Datasheet
313Kb / 12P
   Industry Standard Single-Ended Current Mode PWM Controller
ISL78840ASEH INTERSIL-ISL78840ASEH Datasheet
810Kb / 15P
   Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com