Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9021AIIWZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9021AIIWZ-T
Description  250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9021AIIWZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9021AIIWZ-T Datasheet HTML 2Page - Intersil Corporation ISL9021AIIWZ-T Datasheet HTML 3Page - Intersil Corporation ISL9021AIIWZ-T Datasheet HTML 4Page - Intersil Corporation ISL9021AIIWZ-T Datasheet HTML 5Page - Intersil Corporation ISL9021AIIWZ-T Datasheet HTML 6Page - Intersil Corporation ISL9021AIIWZ-T Datasheet HTML 7Page - Intersil Corporation ISL9021AIIWZ-T Datasheet HTML 8Page - Intersil Corporation ISL9021AIIWZ-T Datasheet HTML 9Page - Intersil Corporation ISL9021AIIWZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ISL9021A
6
FN7845.3
December 20, 2012
EN LOGIC CHARACTERISTICS
Input Low Voltage
VIL
0.4
V
Input High Voltage
VIH
1.1
V
Input Leakage Current
IIL, IIH
0.1
µA
NOTES:
8. Limits established by characterization and are not production tested.
9. Dropout voltage is measured as VIN - VO, when VO is 4% lower than the value of VO
10. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications TA = -40°C to +85°C; VIN = (VO + 0.5V) to 5.5V with a minimum VIN of 1.5V; CIN = 1µF; CO = 1µF. Boldface
limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 10)
TYP
MAX
(Note 10)
UNIT
Typical Operating Performance
FIGURE 2. QUIESCENT CURRENT vs INPUT VOLTAGE
(VOUT = 0.9V)
FIGURE 3. QUIESCENT CURRENT vs INPUT VOLTAGE
(VOUT = 1.85V)
FIGURE 4. QUIESCENT CURRENT vs INPUT VOLTAGE
(VOUT = 3.3V)
FIGURE 5. LOAD REGULATION vs TEMPERATURE
(VOUT = 1.85V)
0
5
10
15
20
25
30
35
40
45
1.52.5
3.54.5
5.5
INPUT VOLTAGE (V)
T = +85°C
T = +45°C
T = ROOM TEMP
T = 0°C
T = -25°C
T = -40°C
0
5
10
15
20
25
30
35
40
45
1.5
2.5
3.5
4.5
5.5
INPUT VOLTAGE (V)
T = +85°C
T = ROOM TEMP
T = 0°C
T = -25°C
T = -40°C
T = +45°C
-10
0
10
20
30
40
50
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
T = +85°C
T = +45°C
T = 0°C
T = -25°C
T = -40°C
T = ROOM TEMP
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
0
50
100
150
200
250
300
Io (mA)
-40°C
+25°C
+85°C


Similar Part No. - ISL9021AIIWZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021AIIWZ-T INTERSIL-ISL9021AIIWZ-T Datasheet
352Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021AIIWZ-T RENESAS-ISL9021AIIWZ-T Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
More results

Similar Description - ISL9021AIIWZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021 INTERSIL-ISL9021 Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021A RENESAS-ISL9021A Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com