Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8843AMUZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL8843AMUZ
Description  High Performance Industry Standard Single-Ended Current Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8843AMUZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL8843AMUZ Datasheet HTML 7Page - Intersil Corporation ISL8843AMUZ Datasheet HTML 8Page - Intersil Corporation ISL8843AMUZ Datasheet HTML 9Page - Intersil Corporation ISL8843AMUZ Datasheet HTML 10Page - Intersil Corporation ISL8843AMUZ Datasheet HTML 11Page - Intersil Corporation ISL8843AMUZ Datasheet HTML 12Page - Intersil Corporation ISL8843AMUZ Datasheet HTML 13Page - Intersil Corporation ISL8843AMUZ Datasheet HTML 14Page - Intersil Corporation ISL8843AMUZ Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN6320.3
April 18, 2007
Soft-Start Operation
Soft-start must be implemented externally. One method,
illustrated below, clamps the voltage on COMP.
The COMP pin is clamped to the voltage on capacitor C1
plus a base-emitter junction by transistor Q1. C1 is charged
from VREF through resistor R1 and the base current of Q1.
At power-up C1 is fully discharged, COMP is at ~0.7V, and
the duty cycle is zero. As C1 charges, the voltage on COMP
increases, and the duty cycle increases in proportion to the
voltage on C1. When COMP reaches the steady state
operating point, the control loop takes over and soft start is
complete. C1 continues to charge up to VREF and no longer
affects COMP. During power down, diode D1 quickly
discharges C1 so that the soft start circuit is properly
initialized prior to the next power on sequence.
Gate Drive
The ISL884xA is capable of sourcing and sinking 1A peak
current. To limit the peak current through the IC, an optional
external resistor may be placed between the totem-pole
output of the IC (OUT pin) and the gate of the MOSFET. This
small series resistor also damps any oscillations caused by
the resonant tank of the parasitic inductances in the traces of
the board and the FET’s input capacitance.
Slope Compensation
For applications where the maximum duty cycle is less than
50%, slope compensation may be used to improve noise
immunity, particularly at lighter loads. The amount of slope
compensation required for noise immunity is determined
empirically, but is generally about 10% of the full scale
current feedback signal. For applications where the duty
cycle is greater than 50%, slope compensation is required to
prevent instability.
Slope compensation may be accomplished by summing an
external ramp with the current feedback signal or by
subtracting the external ramp from the voltage feedback
error signal. Adding the external ramp to the current
feedback signal is the more popular method.
From the small signal current-mode model [1] it can be
shown that the naturally-sampled modulator gain, Fm,
without slope compensation, is in Equation 6.
where Sn is the slope of the sawtooth signal and Tsw is the
duration of the half-cycle. When an external ramp is added,
the modulator gain becomes:
where Se is slope of the external ramp and
The criteria for determining the correct amount of external
ramp can be determined by appropriately setting the
damping factor of the double-pole located at the switching
frequency. The double-pole will be critically damped if the
Q-factor is set to 1, over-damped for Q < 1, and
under-damped for Q > 1. An under-damped condition may
result in current loop instability.
where D is the percent of on time during a switching cycle.
Setting Q = 1 and solving for Se yields
Since Sn and Se are the on time slopes of the current ramp
and the external ramp, respectively, they can be multiplied
by tON to obtain the voltage change that occurs during tON.
where Vn is the change in the current feedback signal (
ΔI)
during the on time and Ve is the voltage that must be added
by the external ramp.
For a flyback converter, Vn can be solved for in terms of
input voltage, current transducer components, and primary
inductance, yielding
where RCS is the current sense resistor, fsw is the switching
frequency, Lp is the primary inductance, VIN is the minimum
input voltage, and D is the maximum duty cycle.
FIGURE 5. SOFT-START
VREF
COMP
GND
C1
Q1
D1
R1
Fm
1
SnTsw
--------------------
=
(EQ. 6)
Fm
1
Sn
Se
+
()Tsw
---------------------------------------
1
m
cSnTsw
----------------------------
==
(EQ. 7)
m
c
1
Se
Sn
-------
+
=
(EQ. 8)
Q
1
π m
c 1D
() 0.5
()
-------------------------------------------------
=
(EQ. 9)
S
e
S
n
1
π
---
0.5
+
⎝⎠
⎛⎞ 1
1D
-------------
1
⎝⎠
⎛⎞
=
(EQ. 10)
V
e
V
n
1
π
---
0.5
+
⎝⎠
⎛⎞ 1
1D
-------------
1
⎝⎠
⎛⎞
=
(EQ. 11)
V
e
DT
SW VIN RCS
⋅⋅
L
p
----------------------------------------------------
1
π
---
0.5
+
⎝⎠
⎛⎞ 1
1D
-------------
1
⎝⎠
⎛⎞
=
V
(EQ. 12)
ISL8840A, ISL8841A, ISL8842A, ISL8843A, ISL8844A, ISL8845A


Similar Part No. - ISL8843AMUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8843AMUZ INTERSIL-ISL8843AMUZ Datasheet
302Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL8843AMUZ RENESAS-ISL8843AMUZ Datasheet
716Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
More results

Similar Description - ISL8843AMUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8840A INTERSIL-ISL8840A Datasheet
302Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL8840A RENESAS-ISL8840A Datasheet
716Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL8840AMZ INTERSIL-ISL8840AMZ Datasheet
229Kb / 10P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
December 1, 2011
ISL8840AMBEPZ INTERSIL-ISL8840AMBEPZ Datasheet
231Kb / 10P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
ISL78840ASRH INTERSIL-ISL78840ASRH_10 Datasheet
766Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
ISL8843 INTERSIL-ISL8843 Datasheet
305Kb / 12P
   Industry Standard Single-Ended Current Mode PWM Controller
ISL8843 INTERSIL-ISL8843 Datasheet
341Kb / 13P
   Industry Standard Single-Ended Current Mode PWM Controller
September 14, 2015
logo
Renesas Technology Corp
ISL8843 RENESAS-ISL8843 Datasheet
639Kb / 13P
   Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL8843 INTERSIL-ISL8843_06 Datasheet
313Kb / 12P
   Industry Standard Single-Ended Current Mode PWM Controller
ISL78840ASEH INTERSIL-ISL78840ASEH Datasheet
810Kb / 15P
   Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com