Electronic Components Datasheet Search |
|
ISL8840AABZ Datasheet(PDF) 12 Page - Intersil Corporation |
|
ISL8840AABZ Datasheet(HTML) 12 Page - Intersil Corporation |
12 / 15 page 12 FN6320.3 April 18, 2007 The current sense signal at the end of the ON time for CCM operation is: where VCS is the voltage across the current sense resistor, Ls is the secondary winding inductance, and IO is the output current at current limit. Equation 13 assumes the voltage drop across the output rectifier is negligible. Since the peak current limit threshold is 1.00V, the total current feedback signal plus the external ramp voltage must sum to this value when the output load is at the current limit threshold. Substituting Equations 12 and 13 into Equation 14 and solving for RCS yields Adding slope compensation is accomplished in the ISL884xA using an external buffer transistor and the RTCT signal. A typical application sums the buffered RTCT signal with the current sense feedback and applies the result to the CS pin as shown in Figure 6. Assuming the designer has selected values for the RC filter (R6 and C4) placed on the CS pin, the value of R9 required to add the appropriate external ramp can be found by superposition. The factor of 2.05 in Equation 16 arises from the peak amplitude of the sawtooth waveform on RTCT minus a base-emitter junction drop. That voltage multiplied by the maximum duty cycle is the voltage source for the slope compensation. Rearranging to solve for R9 yields: The value of RCS determined in Equation 15 must be rescaled so that the current sense signal presented at the CS pin is that predicted by Equation 13. The divider created by R6 and R9 makes this necessary. V CS N S RCS ⋅ N P ------------------------ I O 1D – () V O f ⋅⋅ sw 2L s -------------------------------------------- + ⎝⎠ ⎜⎟ ⎛⎞ = V (EQ. 13) V e V CS + 1 = (EQ. 14) R CS 1 Df sw VIN ⋅⋅ L p ------------------------------- 1 π --- 0.5 + 1D – ------------------ 1 – ⎝⎠ ⎜⎟ ⎜⎟ ⎛⎞ ⋅ N s N p ------- I O 1D – () V O fsw ⋅⋅ 2L s -------------------------------------------- + ⎝⎠ ⎜⎟ ⎛⎞ ⋅ + ----------------------------------------------------------------------------------------------------------------------------------------------------- = (EQ. 15) CS RTCT R6 C4 R9 VREF FIGURE 6. SLOPE COMPENSATION V e 2.05D R 6 ⋅ R 6 R 9 + ---------------------------- = V (EQ. 16) R 9 2.05D V e – () R 6 ⋅ V e ---------------------------------------------- = Ω (EQ. 17) R ′ CS R 6 R 9 + R 9 --------------------- R CS ⋅ = (EQ. 18) ISL8840A, ISL8841A, ISL8842A, ISL8843A, ISL8844A, ISL8845A |
Similar Part No. - ISL8840AABZ |
|
Similar Description - ISL8840AABZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |