Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM3776 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM3776
Description  DUAL CONTROLLER FOR HIGH-CURRENT STEPPER MOTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3776 Datasheet(HTML) 1 Page - New Japan Radio

  NJM3776 Datasheet HTML 1Page - New Japan Radio NJM3776 Datasheet HTML 2Page - New Japan Radio NJM3776 Datasheet HTML 3Page - New Japan Radio NJM3776 Datasheet HTML 4Page - New Japan Radio NJM3776 Datasheet HTML 5Page - New Japan Radio NJM3776 Datasheet HTML 6Page - New Japan Radio NJM3776 Datasheet HTML 7Page - New Japan Radio NJM3776 Datasheet HTML 8Page - New Japan Radio NJM3776 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NJM3776
Figure 1. Block diagram
RC
NJM3776
V
CC
V
CC
S
R
Q
Logic
S
R
Q
+
+
+
Logic
VR2
VBB1
T1BU
Phase 2
Phase 1
Dis2
C2
SGND 2
Pwr GND 2
1BL
T
1AU
T
1AL
T
BB2
V
T2BU
2AU
T
2AL
T
2BL
T
VR1
Dis 1
C1
SGND 1
Pwr GND 1
1
DUAL CONTROLLER FOR HIGH-CURRENT STEPPER MOTOR
s FEATURES
Suitable to drive any external MOS FET or bipolar power transistor
Cross conduction prevented by time delay
Digital filter on chip eliminates external filtering components
Package
DIP24
s BLOCK DIAGRAM
The NJM3776 is a switch-mode (chopper), constant-current
controller intended for controlling external transistors in a high
current stepper motor application. The NJM3776 has two channels,
one for each winding of a two-phase stepper motor. The NJM3776
is equipped with a Disable input to simplify half stepping operation.
The NJM3776 contains a clock oscillator, which is common for both
driver channels, a set of comparators and flip-flops implementing
the switching control, and two output sections each containing four
outputs, two source and two sink, intended to drive an external H-
bridge. Voltage supply requirements are +5 V for logic and +10 to
+45 V for the outputs.
s GENERAL DESCRIPTION
s PACKAGE OUTLINE
NJM3776D2


Similar Part No. - NJM3776

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3770A NJRC-NJM3770A Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AD3 NJRC-NJM3770AD3 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AE2 NJRC-NJM3770AE2 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AFM2 NJRC-NJM3770AFM2 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
More results

Similar Description - NJM3776

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3776-1 ERICSSON-PBL3776-1 Datasheet
120Kb / 8P
   Dual Controller IC for High Current Stepper Motor Applications
logo
Texas Instruments
DRV8821_1007 TI-DRV8821_1007 Datasheet
664Kb / 20P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821 Datasheet
401Kb / 17P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_10 Datasheet
337Kb / 16P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821_1001 TI-DRV8821_1001 Datasheet
830Kb / 22P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_15 Datasheet
877Kb / 23P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
logo
Allegro MicroSystems
SLA7024M ALLEGRO-SLA7024M Datasheet
137Kb / 12P
   HIGH-CURRENT PWM, UNIPOLAR STEPPER MOTOR CONTROLLER/DRIVERS
logo
Texas Instruments
DRV8821 TI1-DRV8821_16 Datasheet
4Mb / 32P
[Old version datasheet]   Dual Stepper Motor Controller and Driver
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
logo
ON Semiconductor
LC898240 ONSEMI-LC898240_16 Datasheet
528Kb / 23P
   High Efficient Stepper Motor Controller
April 2016- Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com