Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB-9710LVWG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # SPB-9710LVWG
Description  3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9710LVWG Datasheet(HTML) 3 Page - Optoway Technology Inc

  SPB-9710LVWG_15 Datasheet HTML 1Page - Optoway Technology Inc SPB-9710LVWG_15 Datasheet HTML 2Page - Optoway Technology Inc SPB-9710LVWG_15 Datasheet HTML 3Page - Optoway Technology Inc SPB-9710LVWG_15 Datasheet HTML 4Page - Optoway Technology Inc SPB-9710LVWG_15 Datasheet HTML 5Page - Optoway Technology Inc SPB-9710LVWG_15 Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Optoway
SPB-9710LVWG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
8/1/2009 V1.0
3
CML Output (Differential)
550
660
850
mVp-p
AC coupled output
135
ps
4, SMPTE 424M
270
ps
4, SMPTE 292M
800
ps
4, SMPTE 344M
Optical Rise Time / Fall Time
tr / tf
1.5
ns
4, SMPTE 259M
Output LOS Voltage -- Low
VOL
0
0.5
V
IOL=-1.6mA, 1 TTL unit load
Output LOS Voltage -- High
VOH
2.5
Vcc+0.3
V
IOH=40
µA, 1 TTL unit load
VOH
2.5
Vcc+0.3
V
SCL, SDA
VOL
0
0.5
V
3. At least 30 dB optical isolation for the wavelength 1480 to 1580 nm.
4. 20% to 80%, unfiltered.


Similar Part No. - SPB-9710LVWG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9710LVWG_2015 OPTOWAY-SPB-9710LVWG_2015 Datasheet
162Kb / 6P
   3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
More results

Similar Description - SPB-9710LVWG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9110LVW-T5R3G_2015 OPTOWAY-SPB-9110LVW-T5R3G_2015 Datasheet
139Kb / 6P
   3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPB-9710LVWG_2015 OPTOWAY-SPB-9710LVWG_2015 Datasheet
162Kb / 6P
   3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPB-9610LVWG_2015 OPTOWAY-SPB-9610LVWG_2015 Datasheet
166Kb / 6P
   3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPB-9110LVW-T3R5G_2015 OPTOWAY-SPB-9110LVW-T3R5G_2015 Datasheet
143Kb / 6P
   3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPB-9110LVW-T5R3G OPTOWAY-SPB-9110LVW-T5R3G_15 Datasheet
139Kb / 6P
   3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPB-9610LVWG OPTOWAY-SPB-9610LVWG_15 Datasheet
166Kb / 6P
   3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPB-9110LVW-T3R5G OPTOWAY-SPB-9110LVW-T3R5G_15 Datasheet
143Kb / 6P
   3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPS-9310VW-CXX0G_2015 OPTOWAY-SPS-9310VW-CXX0G_2015 Datasheet
177Kb / 6P
   3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9380VW-CXX0G OPTOWAY-SPS-9380VW-CXX0G_15 Datasheet
177Kb / 6P
   3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9330VW-CXX0G OPTOWAY-SPS-9330VW-CXX0G_15 Datasheet
177Kb / 6P
   3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com