Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

65035 Datasheet(PDF) 2 Page - Micropac Industries

Part # 65035
Description  High magnetic sensitivity
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

65035 Datasheet(HTML) 2 Page - Micropac Industries

  65035 Datasheet HTML 1Page - Micropac Industries 65035 Datasheet HTML 2Page - Micropac Industries 65035 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
65035
HIGH RELIABILITY BACK BIASED HALL EFFECT STUD, SWITCHING OUTPUT WITH CABLE
11/30/06
ELECTRICAL CHARACTERISTICS
TA = 25
°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Supply Voltage
VCC
18.0
32.0
V
Continuous Operating
Supply Current
ICC
30
mA
VCC = 28.0 V
Output Saturation Voltage
VOL
0.9
1.0
V
VCC = 28 V , IOL = 20 mA
Output Leakage Current
IOH
100
µA
VCC = 28 V , Output High
Power on Response Time
tON
20
ms
VCC > 18 V
MAGNETIC CHARACTERISTICS
TA = 25
°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Field Change for Sensing
B
120
G
Target Present to Removed
Operating Air Gap
AG
0.25
0.01
2.03
0.080
mm
in
Output Switching
Polarity
P
Low
High
Ferrous Target Present
Ferrous Target Removed
NOTES:
1.
Operating Air Gap is dependant on magnetic properties of target. A high grade A2 steel target was used for datasheet characterization. A high end
magnet incorporated into the target can increase operating Air Gap by a factor of 5 or more.
Qualified to the following requirements:
Environmental
MIL-STD-202 METHOD 105C
Altitude, Test Condition B
MIL-STD-202 METHOD 214A
Random Vibration, 3 Hrs/Axis
3 Impact Shocks, 6 Orthogonal Axis
Mechanical Shock, 20 G’s for 11 seconds
MIL-STD-202 METHOD 103B
Humidity, Condition B, 96 Hours
MIL-STD-202 METHOD 109C
Explosive Atmosphere
MIL-STD-202 METHOD 110A
Sand and Dust
ASTM G85.A4
Salt Spray, SO2, 336 Hours
MIL-STD-202 METHOD 112
Helium Leak Test, < 1 X 10
-6
Torr, Condition D
MIL-STD-202 METHOD 107G
Thermal Shock, -65°C to +125°C
EMI / EMC
MIL-STD-461E RS103
Radiated Susceptability, 200 V/m (30 MHz to 18 GHz)
MIL-STD-461E CS114
Conducted Susceptability, Limit Curve 5
MIL-STD-461E CS115
Conducted Susceptability, IMAX 5 A
MIL-STD-461E CS116
Conducted Susceptability, IMAX 10 A
Lightning Strike
RTCA DO-160 Section 22, Waveform A
Induced Indirect Differential Transient, 70 V or 5 A


Similar Part No. - 65035

ManufacturerPart #DatasheetDescription
logo
3M Electronics
6503 3M-6503 Datasheet
1Mb / 8P
   3M??Reusable Respirators
logo
Littelfuse
65036R2C5.5 LITTELFUSE-65036R2C5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES 2,400-38,000 VAC Current-Limiting
65036R2C5.5 LITTELFUSE-65036R2C5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R2C5.5 LITTELFUSE-65036R2C5.5 Datasheet
564Kb / 10P
   Power Transformer Protection
65036R2C5.5 LITTELFUSE-65036R2C5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results

Similar Description - 65035

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
65021 MICROPAC-65021 Datasheet
43Kb / 2P
   High magnetic sensitivity
65025 MICROPAC-65025 Datasheet
42Kb / 2P
   High magnetic sensitivity
65028 MICROPAC-65028 Datasheet
43Kb / 2P
   High magnetic sensitivity
logo
Omron Electronics LLC
W2DN-02A OMRON-W2DN-02A Datasheet
284Kb / 6P
   High sensitivity magnetic sensor making use of the magnetic impedance effect.
logo
MultiDimension Technolo...
AGV-TMR15XN MULTIDIMENSION-AGV-TMR15XN Datasheet
639Kb / 5P
   16-Channel, High Sensitivity AGV Magnetic Guide Sensors
Version 2.0
TMR9082 MULTIDIMENSION-TMR9082 Datasheet
748Kb / 7P
   High sensitivity, Low Noise TMR Magnetic Linear Sensor
Version 1.0
logo
List of Unclassifed Man...
AB001-02 ETC-AB001-02 Datasheet
110Kb / 4P
   Excellent Sensitivity to Applied Magnetic Fields
logo
American Electronic Com...
TMR401X AEC-TMR401X Datasheet
552Kb / 6P
   TMR Geartooth sensor with high sensitivity to magnetic field gradient
TMR400X AEC-TMR400X Datasheet
500Kb / 7P
   TMR Gear tooth sensor with high sensitivity to magnetic field
logo
AnaSem Hong Kong Limite...
MRY1518C ANASEM-MRY1518C Datasheet
1Mb / 14P
   Continuous detection, 1.5mT High sensitivity CMOS MR Magnetic Sensor Switch
Rev. E13-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com