Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF3702IRHCR Datasheet(PDF) 10 Page - Texas Instruments

Part # TRF3702IRHCR
Description  1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3702IRHCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TRF3702IRHCR Datasheet HTML 6Page - Texas Instruments TRF3702IRHCR Datasheet HTML 7Page - Texas Instruments TRF3702IRHCR Datasheet HTML 8Page - Texas Instruments TRF3702IRHCR Datasheet HTML 9Page - Texas Instruments TRF3702IRHCR Datasheet HTML 10Page - Texas Instruments TRF3702IRHCR Datasheet HTML 11Page - Texas Instruments TRF3702IRHCR Datasheet HTML 12Page - Texas Instruments TRF3702IRHCR Datasheet HTML 13Page - Texas Instruments TRF3702IRHCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
4.4
4.6
4.8
5.0
5.2
5.4
5.6
25
°C
VCC − Supply Voltage − V
POUT = 0 dBm
fLO = 1960 MHz
Optimized at 5 V
G034
–40
°C
Optimization
Point
85
°C
0
10
20
30
40
50
60
70
80
90
3.0
3.5
4.0
4.5
VCM − V
POUT = 0 dBm
fLO = 1960 MHz
Optimized at 3.7 V
G028
25
°C
–40
°C
85
°C
Optimization
Point
0
10
20
30
40
50
60
70
80
−12
−9
−6
−3
0
3
6
9
12
POUT = 0 dBm
fLO = 1960 MHz
Optimized at 0 dBm
G039
25
°C
–40
°C
Optimization
Point
PLO − Local Oscillator Input Power − dBm
85
°C
0
10
20
30
40
50
60
70
80
1880
1900
1920
1940
1960
1980
2000
2020
–40
°C
fLO − Frequency − MHz
POUT = 0 dBm
Optimized at 1960 MHz
G026
25
°C
85
°C
Optimization
Point
TRF3702
SLWS149A – SEPTEMBER 2004 – REVISED AUGUST 2006
TYPICAL CHARACTERISTICS (continued)
CARRIER SUPPRESSION
CARRIER SUPPRESSION
vs
vs
VCM
SUPPLY VOLTAGE
Figure 10.
Figure 11.
CARRIER SUPPRESSION
SIDEBAND SUPPRESSION
vs
vs
LOCAL OSCILLATOR INPUT POWER
FREQUENCY
Figure 12.
Figure 13.
10
Submit Documentation Feedback


Similar Part No. - TRF3702IRHCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3702IRHCR TI-TRF3702IRHCR Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702IRHCR TI-TRF3702IRHCR Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
More results

Similar Description - TRF3702IRHCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346ARUZ AD-AD8346ARUZ Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346 Datasheet
190Kb / 12P
   0.8 GHz-2.5 GHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com