Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TRF37T05_15 Datasheet(PDF) 2 Page - Texas Instruments

Part No. TRF37T05_15
Description  300-MHz to 4-GHz Quadrature Modulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF37T05_15 Datasheet(HTML) 2 Page - Texas Instruments

  TRF37T05_15_15 Datasheet HTML 1Page - Texas Instruments TRF37T05_15_15 Datasheet HTML 2Page - Texas Instruments TRF37T05_15_15 Datasheet HTML 3Page - Texas Instruments TRF37T05_15_15 Datasheet HTML 4Page - Texas Instruments TRF37T05_15_15 Datasheet HTML 5Page - Texas Instruments TRF37T05_15_15 Datasheet HTML 6Page - Texas Instruments TRF37T05_15_15 Datasheet HTML 7Page - Texas Instruments TRF37T05_15_15 Datasheet HTML 8Page - Texas Instruments TRF37T05_15_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
TRF37T05
SLWS239 – JUNE 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the device product folder at www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
MIN
MAX
UNIT
Supply voltage range(2)
–0.3
6
V
Digital I/O voltage range
–0.3
VCC +0.5
V
Operating virtual junction temperature range, TJ
–40
150
°C
Operating ambient temperature range, TA
–40
85
°C
Storage temperature range, Tstg
–65
150
°C
Human body model, HBM
4000
V
ESD ratings
Charged device model, CDM
250
V
Machine model, MM
200
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
VCC
Power-supply voltage
3.15
3.3
3.6
V
THERMAL INFORMATION
TRF37T05
THERMAL METRIC
RGE (VQFN)
UNITS
24 PINS
θJA
Junction-to-ambient thermal resistance
38.4
θJCtop
Junction-to-case (top) thermal resistance
42.5
θJB
Junction-to-board thermal resistance
16.6
°C/W
ψJT
Junction-to-top characterization parameter
0.9
ψJB
Junction-to-board characterization parameter
16.6
θJCbot
Junction-to-case (bottom) thermal resistance
6.6
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TRF37T05


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn