Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TRF37T05_15 Datasheet(PDF) 12 Page - Texas Instruments

Part No. TRF37T05_15
Description  300-MHz to 4-GHz Quadrature Modulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF37T05_15 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TRF37T05_15_15 Datasheet HTML 8Page - Texas Instruments TRF37T05_15_15 Datasheet HTML 9Page - Texas Instruments TRF37T05_15_15 Datasheet HTML 10Page - Texas Instruments TRF37T05_15_15 Datasheet HTML 11Page - Texas Instruments TRF37T05_15_15 Datasheet HTML 12Page - Texas Instruments TRF37T05_15_15 Datasheet HTML 13Page - Texas Instruments TRF37T05_15_15 Datasheet HTML 14Page - Texas Instruments TRF37T05_15_15 Datasheet HTML 15Page - Texas Instruments TRF37T05_15_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
TA = −40°C
TA = 25°C
TA = 85°C
VCM = 0.5 V
G019
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
LO Power = −5 dBm
LO Power = 0 dBm
LO Power = 5 dBm
G018
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
Gain Control = Off
Gain Control = On
G020
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
TA = −40°C
TA = 25°C
TA = 85°C
G016
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
VCC = 3.15 V
VCC = 3.30 V
VCC = 3.45 V
G017
TRF37T05
SLWS239 – JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS: Two-Tone Baseband (continued)
VCC = 3.3 V; TA = +25°C; LO = 0 dBm, single-ended drive (LOP); I/Q frequency (fBB) = 4.5 MHz, 5.5 MHz; baseband I/Q
amplitude = 0.5-VPP/tone differential sine waves in quadrature with VCM = 0.25 V; and broadband output match, unless
otherwise noted.
space
OIP2 vs LO FREQUENCY (fLO) AND TEMPERATURE
OIP2 vs LO FREQUENCY (fLO) AND SUPPLY VOLTAGE
Figure 17.
Figure 18.
OIP2 vs LO FREQUENCY (fLO) AND LO DRIVE LEVEL
OIP2 vs LO FREQUENCY (fLO) AND GAIN SELECT SETTING
Figure 19.
Figure 20.
OIP2 vs LO FREQUENCY (fLO) AND TEMPERATURE AT VCM = 0.5 V
Figure 21.
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TRF37T05


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn