Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPZ60R041P6 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPZ60R041P6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPZ60R041P6 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPZ60R041P6_15 Datasheet HTML 1Page - Infineon Technologies AG IPZ60R041P6_15 Datasheet HTML 2Page - Infineon Technologies AG IPZ60R041P6_15 Datasheet HTML 3Page - Infineon Technologies AG IPZ60R041P6_15 Datasheet HTML 4Page - Infineon Technologies AG IPZ60R041P6_15 Datasheet HTML 5Page - Infineon Technologies AG IPZ60R041P6_15 Datasheet HTML 6Page - Infineon Technologies AG IPZ60R041P6_15 Datasheet HTML 7Page - Infineon Technologies AG IPZ60R041P6_15 Datasheet HTML 8Page - Infineon Technologies AG IPZ60R041P6_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
600VCoolMOS™P6PowerTransistor
IPZ60R041P6
Rev.2.0,2015-07-13
Final Data Sheet
PG-TO247-4
Drain
Pin 1
Gate
Pin 4
Power
Source
Pin 2
Driver
Source
Pin 3
1Description
CoolMOS™isarevolutionarytechnologyforhighvoltagepower
MOSFETs,designedaccordingtothesuperjunction(SJ)principleand
pioneeredbyInfineonTechnologies.CoolMOS™P6seriescombinesthe
experienceoftheleadingSJMOSFETsupplierwithhighclassinnovation.
TheoffereddevicesprovideallbenefitsofafastswitchingSJMOSFET
whilenotsacrificingeaseofuse.Extremelylowswitchingandconduction
lossesmakeswitchingapplicationsevenmoreefficient,morecompact,
lighterandcooler.
Features
•IncreasedMOSFETdv/dtruggedness
•ExtremelylowlossesduetoverylowFOMRdson*QgandEoss
•Veryhighcommutationruggedness
•BestinclassRDS(on)/package
•Easytouse/driveduetodriversourcepinforbettercontrolofthegate
•Pb-freeplating,Halogenfreemoldcompound
•QualifiedforindustrialgradeapplicationsaccordingtoJEDEC(J-STD20
andJESD22)
•4-pinkelvinsourceconcept
Applications
PFCstages,hardswitchingPWMstagesandresonantswitchingstages
fore.g.Computing,Server,TelecomandUPS.
Pleasenote:ForMOSFETparallelingtheuseofferritebeadsonthegate
orseparatetotempolesisgenerallyrecommended.
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS @ Tj,max
650
V
RDS(on),max
41
m
Qg.typ
170
nC
ID,pulse
267
A
Eoss@400V
20.5
µJ
Body diode di/dt
250
A/µs
Type/OrderingCode
Package
Marking
RelatedLinks
IPZ60R041P6
PG-TO 247-4
6R041P6
see Appendix A


Similar Part No. - IPZ60R041P6_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPZ60R040C7 INFINEON-IPZ60R040C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-05-08
IPZ60R040C7 INFINEON-IPZ60R040C7_15 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-05-08
More results

Similar Description - IPZ60R041P6_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com