Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP60R280P6 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPP60R280P6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP60R280P6 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPP60R280P6 Datasheet HTML 7Page - Infineon Technologies AG IPP60R280P6 Datasheet HTML 8Page - Infineon Technologies AG IPP60R280P6 Datasheet HTML 9Page - Infineon Technologies AG IPP60R280P6 Datasheet HTML 10Page - Infineon Technologies AG IPP60R280P6 Datasheet HTML 11Page - Infineon Technologies AG IPP60R280P6 Datasheet HTML 12Page - Infineon Technologies AG IPP60R280P6 Datasheet HTML 13Page - Infineon Technologies AG IPP60R280P6 Datasheet HTML 14Page - Infineon Technologies AG IPP60R280P6 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
600VCoolMOS™P6PowerTransistor
IPW60R280P6,IPB60R280P6,IPP60R280P6,
IPA60R280P6
Rev.2.2,2015-07-10
Final Data Sheet
Diagram13:Typ.transfercharacteristics
VGS[V]
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
40
150 °C
25 °C
ID=f(VGS);VDS=20V;parameter:Tj
Diagram14:Typ.gatecharge
Qgate[nC]
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
8
9
10
480 V
120 V
VGS=f(Qgate);ID=6.5Apulsed;parameter:VDD
Diagram15:Forwardcharacteristicsofreversediode
VSD[V]
0.0
0.5
1.0
1.5
2.0
10-1
100
101
102
125 °C
25 °C
IF=f(VSD);parameter:Tj
Diagram16:Avalancheenergy
Tj[°C]
25
50
75
100
125
150
0
50
100
150
200
250
300
EAS=f(Tj);ID=2.4A;VDD=50V


Similar Part No. - IPP60R280P6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP60R280P6 INFINEON-IPP60R280P6 Datasheet
3Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2015-07-10
logo
Inchange Semiconductor ...
IPP60R280P6 ISC-IPP60R280P6 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPP60R280P6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com