Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB17N25S3-100 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPB17N25S3-100
Description  N-channel - Enhancement mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB17N25S3-100 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPB17N25S3-100 Datasheet HTML 1Page - Infineon Technologies AG IPB17N25S3-100 Datasheet HTML 2Page - Infineon Technologies AG IPB17N25S3-100 Datasheet HTML 3Page - Infineon Technologies AG IPB17N25S3-100 Datasheet HTML 4Page - Infineon Technologies AG IPB17N25S3-100 Datasheet HTML 5Page - Infineon Technologies AG IPB17N25S3-100 Datasheet HTML 6Page - Infineon Technologies AG IPB17N25S3-100 Datasheet HTML 7Page - Infineon Technologies AG IPB17N25S3-100 Datasheet HTML 8Page - Infineon Technologies AG IPB17N25S3-100 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IPB17N25S3-100
IPP17N25S3-100
OptiMOS
-T Power-Transistor
Features
• N-channel - Enhancement mode
• AEC qualified
• MSL1 up to 260°C peak reflow
• 175°C operating temperature
• Green Product (RoHS compliant)
• 100% Avalanche tested
Maximum ratings,
at T j=25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Unit
Continuous drain current
I D
T C=25 °C, V GS=10 V
17
A
T C=100°C, V GS=10V
1)
13.3
Pulsed drain current
1)
I D,pulse
T C=25°C
68
Avalanche energy, single pulse
1)
E AS
I D=5.4A
54
mJ
Avalanche current, single pulse
I AS
-
5.4
A
Reverse diode dv /dt
dv /dt-
6kV/µs
Gate source voltage
V GS
-±20
V
Power dissipation
P tot
T C=25°C
107
W
Operating and storage temperature
T j, T stg
-
-55 ... +175
°C
IEC climatic category; DIN IEC 68-1
-
-
55/175/56
Value
VDS
250
V
RDS(on),max
100
m
Ω
ID
17
A
Product Summary
PG-TO220-3-1
PG-TO263-3-2
Type
Package
Marking
IPB17N25S3-100
PG-TO263-3-2
3N25100
IPP17N25S3-100
PG-TO220-3-1
3N25100
Rev. 1.1
page 1
2013-05-13


Similar Part No. - IPB17N25S3-100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB17N25S3-100 INFINEON-IPB17N25S3-100 Datasheet
203Kb / 9P
   OptiMOS??T Power-Transistor
Rev. 1.1 2013-05-13
More results

Similar Description - IPB17N25S3-100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com