Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS601 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RS601
Description  6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RS601 Datasheet(HTML) 1 Page - Micro Commercial Components

  RS601 Datasheet HTML 1Page - Micro Commercial Components RS601 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS601
THRU
RS607
6 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
RS-6
Features
Low Leakage
Low Forward Voltage
Any Mounting Position
Silver Plated Copper Leads
Surge Overload Rating Of 200 Amps
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.895
.935
22.70
23.70
B
---
.760
---
19.30
C
.660
.700
16.80
17.80
D
.15
∅ x
.23L
3.8
∅ x
5.57L
HOLE
E
1.00
---
25.40
---
F
.048
.052
1.20
1.30
TYP
G
.260
.280
6.60
7.10
H
.180
.220
4.60
5.60
I
.185
.205
4.70
5.20
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
RS601
RS601
50V
35V
50V
RS602
RS602
100V
70V
100V
RS603
RS603
200V
140V
200V
RS604
RS604
400V
280V
400V
RS605
RS605
600V
420V
600V
RS606
RS606
800V
560V
800V
RS607
RS607
1000v
700V
1000v
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6.0A
TA = 65
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.1V
IFM = 3.0A;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1 mA
TA = 25
°C
TA = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
A
B
C
D
E
F
G
I
H
A
+
-
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - RS601

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS601 RECTRON-RS601 Datasheet
55Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
logo
CHENG-YI ELECTRONIC CO....
RS601 CHENG-YI-RS601 Datasheet
127Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
New Jersey Semi-Conduct...
RS601 NJSEMI-RS601 Datasheet
88Kb / 1P
   SINGLE-PHASE SILICON BRIDGE
logo
Bytes
RS601 BYTES-RS601 Datasheet
148Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Shanghai Shunye Electro...
RS601 SY-RS601 Datasheet
237Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - RS601

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PB605 MCC-PB605_08 Datasheet
118Kb / 3P
   6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PB605 MCC-PB605_13 Datasheet
273Kb / 3P
   6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
KBU601 KISEMICONDUCTOR-KBU601 Datasheet
61Kb / 2P
   6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
RS601 MCC-RS601_16 Datasheet
183Kb / 3P
   6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_16 Datasheet
417Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005W MCC-MP5005W_08 Datasheet
110Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005 Datasheet
77Kb / 2P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com