Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8824 Datasheet(PDF) 6 Page - Texas Instruments

Part # DRV8824
Description  DRV8824 Stepper Motor Controller IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8824 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8824_15 Datasheet HTML 2Page - Texas Instruments DRV8824_15 Datasheet HTML 3Page - Texas Instruments DRV8824_15 Datasheet HTML 4Page - Texas Instruments DRV8824_15 Datasheet HTML 5Page - Texas Instruments DRV8824_15 Datasheet HTML 6Page - Texas Instruments DRV8824_15 Datasheet HTML 7Page - Texas Instruments DRV8824_15 Datasheet HTML 8Page - Texas Instruments DRV8824_15 Datasheet HTML 9Page - Texas Instruments DRV8824_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
DRV8824
SLVSA06J – OCTOBER 2009 – REVISED JULY 2014
www.ti.com
7.5 Electrical Characteristics
over operating free-air temperature range of –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES
IVMx
VMx operating supply current
V(VMx) = 24 V, ƒPWM < 50 kHz
5
8
mA
IVMxQ
VMx sleep mode supply current
V(VMx) = 24 V
10
20
μA
V3P3OUT REGULATOR
IOUT = 0 to 1 mA, V(VMx) = 24 V, TJ = 25°C
3.18
3.30
3.42
V3P3
V3P3OUT voltage
V
IOUT = 0 to 1 mA
3.10
3.30
3.50
LOGIC-LEVEL INPUTS
VIL
Input low voltage
0
0.7
V
VIH
Input high voltage
2
5.25
V
VHYS
Input hysteresis
0.45
V
IIL
Input low current
VIN = 0
–20
20
μA
IIH
Input high current
VIN = 3.3 V
100
μA
nENBL, nRESET, DIR, STEP, MODEx
100
k
Ω
RPD
Internal pulldown resistance
nSLEEP
1
M
Ω
nHOME, nFAULT OUTPUTS (OPEN-DRAIN OUTPUTS)
VOL
Output low voltage
IO = 5 mA
0.5
V
IOH
Output high leakage current
VO = 3.3 V
1
μA
DECAY INPUT
VIL
Input low threshold voltage
For slow decay mode
0.8
V
VIH
Input high threshold voltage
For fast decay mode
2
V
IIN
Input current
–100
100
µA
RPU
Internal pullup resistance
130
k
Ω
RPD
Internal pulldown resistance
80
k
Ω
H-BRIDGE FETS
V(VMx) = 24 V, IO = 1 A, TJ = 25°C
0.63
RDS(ON)
HS FET on resistance
V(VMx) = 24 V, IO = 1 A, TJ = 85°C
0.76
0.90
V(VMx) = 24 V, IO = 1 A, TJ = 25°C
0.65
RDS(ON)
LS FET on resistance
V(VMx) = 24 V, IO = 1 A, TJ = 85°C
0.78
0.90
IOFF
Off-state leakage current
–20
20
μA
MOTOR DRIVER
ƒPWM
Internal PWM frequency
50
kHz
tBLANK
Current sense blanking time
3.75
μs
tR
Rise time
V(VMx) = 24 V
100
360
ns
tF
Fall time
V(VMx) = 24 V
80
250
ns
tDEAD
Dead time
400
ns
PROTECTION CIRCUITS
VUVLO
VMx undervoltage lockout voltage V(VMx) rising
7.8
8.2
V
IOCP
Overcurrent protection trip level
1.8
5
A
tDEG
Overcurrent deglitch time
3
µs
TTSD
Thermal shutdown temperature
Die temperature
150
160
180
°C
CURRENT CONTROL
IREF
xVREF input current
V(xVREF) = 3.3 V
–3
3
μA
VTRIP
xISENSE trip voltage
V(xVREF) = 3.3 V, 100% current setting
635
660
685
mV
6
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: DRV8824


Similar Part No. - DRV8824_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8824 TI1-DRV8824_14 Datasheet
1Mb / 36P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
DRV8824 TI1-DRV8824_16 Datasheet
1Mb / 35P
[Old version datasheet]   Stepper Motor Controller IC
More results

Similar Description - DRV8824_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8824 TI1-DRV8824_14 Datasheet
1Mb / 36P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
DRV8824-Q1 TI-DRV8824-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   DRV8824-Q1 Automotive Motor Controller IC
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
[Old version datasheet]   Stepper Motor Controller IC
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824_16 Datasheet
1Mb / 35P
[Old version datasheet]   Stepper Motor Controller IC
DRV8818 TI-DRV8818 Datasheet
748Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8711 TI-DRV8711 Datasheet
1Mb / 36P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_16 Datasheet
1Mb / 31P
[Old version datasheet]   Stepper Motor Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com