Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE36A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # P4KE36A
Description  400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

P4KE36A Datasheet(HTML) 1 Page - Micro Commercial Components

  P4KE36A Datasheet HTML 1Page - Micro Commercial Components P4KE36A Datasheet HTML 2Page - Micro Commercial Components P4KE36A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P4KE6.8
THRU
P4KE400A
400 Watt
Transient Voltage
Suppressors
6.8 to 400 Volts
DO-41
Features
Unidirectional And Bidirectional
Low Inductance
High Temp Soldering: 250
°C for 10 Seconds At Terminals
For Bidirectional Devices Add “C” To The Suffix Of The Part
Number: i.e. P4KE6.8C or P4KE6.8CA for 5% Tolerance Devices
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
400 Watt Peak Power
Response Time 1 x 10
-12 Seconds For Unidirectional and 5 x 10-9
For Bidirectional
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
Peak Pulse Power (PPP) – versus – Pulse Time (tP)
Figure 1
.1
µse
c
1
µsec
10
µsec
100
µsec
0
0.1
1.0
10
PPP - KW
tP
1msec
Figure 2 - Pulse Waveform
Peak Pulse Current (% IPP) - Versus - Time (t)
msec
0
1
2
3
% IPP
50
100
Peak Value IPP
Half Wave IPP/2
10 x 1000 Wave as
defined by R.E.A.
Test wave
form
parameters:
tr = 10 µsec
tr
 


 !"#
$%    !"#
MCC
www.mccsemi.com


Similar Part No. - P4KE36A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE36A PANJIT-P4KE36A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Zowie Technology Corpor...
P4KE36A ZOWIE-P4KE36A Datasheet
180Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
P4KE36A DIOTECH-P4KE36A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
P4KE36A UNSEMI-P4KE36A Datasheet
3Mb / 7P
   6.8 To 600V 400W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Littelfuse
P4KE36A LITTELFUSE-P4KE36A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
More results

Similar Description - P4KE36A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8-DO41 YFWDIODE-P4KE6.8-DO41 Datasheet
405Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
Micro Commercial Compon...
P4KE6.8A MCC-P4KE6.8A_11 Datasheet
708Kb / 4P
   400 Watt Transient Voltage Suppressors 6.8 to 550 Volts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8-DO27 YFWDIODE-1.5KE6.8-DO27 Datasheet
1,020Kb / 6P
   1500 Watt TRANSIENT Voltage Suppressors 6.8 to 400 Volts
logo
Micro Commercial Compon...
SMAJP4KE6.8A MCC-SMAJP4KE6.8A Datasheet
301Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 400 Watt
logo
Shanghai Lunsure Electr...
P4KE6.8 CHENYI-P4KE6.8 Datasheet
70Kb / 3P
   400 Watt Transient voltage suppressors 6.8to400 volts
logo
Micro Commercial Compon...
SMAJ5.0 MCC-SMAJ5.0 Datasheet
165Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
SMAJ5.0 MCC-SMAJ5.0_11 Datasheet
236Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8 YFWDIODE-1.5KE6.8 Datasheet
433Kb / 6P
   1500 Transieny Voltage Suppressors 6.8 to 400 Volts
logo
UNIOHM CORPORATION
P4KE UNIOHM-P4KE Datasheet
89Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com