Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDW40G65C5B Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IDW40G65C5B
Description  650V SiC Schottky Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDW40G65C5B Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IDW40G65C5B Datasheet HTML 3Page - Infineon Technologies AG IDW40G65C5B Datasheet HTML 4Page - Infineon Technologies AG IDW40G65C5B Datasheet HTML 5Page - Infineon Technologies AG IDW40G65C5B Datasheet HTML 6Page - Infineon Technologies AG IDW40G65C5B Datasheet HTML 7Page - Infineon Technologies AG IDW40G65C5B Datasheet HTML 8Page - Infineon Technologies AG IDW40G65C5B Datasheet HTML 9Page - Infineon Technologies AG IDW40G65C5B Datasheet HTML 10Page - Infineon Technologies AG IDW40G65C5B Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
5
th Generation thinQ!TM SiC Schottky Diode
IDW40G65C5B
Electrical characteristics diagrams
1)
Per Leg
2)
Per Device
Final Datasheet
7
Rev. 2.0, 2015-04-13
Table 9
Typ. capacitance charge vs. current slope
1)
Typ. Reverse current vs. reverse voltage
1)
0
5
10
15
20
25
30
100
300
500
700
900
dI
F/dt [A/µs]
1.E-9
1.E-8
1.E-7
1.E-6
1.E-5
1.E-4
100
200
300
400
500
600
V
R [V]
QC=f(diF/dt); Tj=150°C; VR=400 V; IF≤IF,max
IR=f(VR); parameter: Tj
Table 10
Max. transient thermal impedance
1)
Typ. capacitance vs. reverse voltage
1)
0.01
0.1
1
1.E-06
1.E-03
1.E+00
t
p [s]
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
0
100
200
300
400
500
600
700
800
0
1
10
100
1000
VR [V]
Zth,jc=f(tP); parameter: D=tP/T
C=f(VR); Tj=25°C; f=1 MHz
-55°C
175°C
150°C
25°C
100°C


Similar Part No. - IDW40G65C5B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IDW40G65C5B ISC-IDW40G65C5B Datasheet
309Kb / 3P
   Silicon Carbide Schottky Diode
More results

Similar Description - IDW40G65C5B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
   650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
IDW20G65C5B INFINEON-IDW20G65C5B_15 Datasheet
742Kb / 11P
   650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW24G65C5B INFINEON-IDW24G65C5B_15 Datasheet
732Kb / 11P
   650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW32G65C5B INFINEON-IDW32G65C5B_15 Datasheet
735Kb / 11P
   650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
logo
UnitedSiC.
UJ3D06516TS UNITEDSIC-UJ3D06516TS Datasheet
966Kb / 5P
   16A - 650V SiC Schottky Diode
Rev. B, January 2018
logo
Silicon Supplies
SIS650S20AS SS-SIS650S20AS Datasheet
989Kb / 3P
   650V 20A SiC Schottky Diode
Rev 1.0 30/10/23
SIS650S30AS SS-SIS650S30AS Datasheet
1Mb / 3P
   650V 30A SiC Schottky Diode
Rev 1.0 30/10/23
logo
UnitedSiC.
UJ3D06520KSD UNITEDSIC-UJ3D06520KSD Datasheet
558Kb / 5P
   20A - 650V SiC Schottky Diode
Rev. B, April 2018
UJD06506TS UNITEDSIC-UJD06506TS Datasheet
514Kb / 4P
   6A - 650V SiC Schottky Diode
Rev. B, November 2016
logo
Silicon Supplies
SIS650S10AS SS-SIS650S10AS Datasheet
1Mb / 3P
   650V 10A SiC Schottky Diode
Rev 1.0 30/10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com