Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP20M Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RGP20M
Description  2.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RGP20M Datasheet(HTML) 1 Page - Micro Commercial Components

  RGP20M Datasheet HTML 1Page - Micro Commercial Components RGP20M Datasheet HTML 2Page - Micro Commercial Components RGP20M Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RGP20A
THRU
RGP20M
Features
High temperature metallurgically bonded construction
Glass passivated cavity-free junction
2.0 amperes operation at TA=55
OC and with no
thermal runaway.
Typical IR less than 0.2uA
Maximum Ratings
Operating Temperature: -55
OC to +150OC
Storage Temperature: -55
OC to +150OC
Typical Thermal Resistance: 22
OC/W Junction to Ambient
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Volt age
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
RGP20A
50V
35V
50V
RGP20B
100V
70V
100V
RGP20D
200V
140V
200V
RGP20G
400V
280V
400V
RGP20J
600V
420V
600V
RGP20K
800V
560V
800V
RGP20M
1000V
700V
1000V
Electrical Characteristics @ 25OC Unless Otherwise Specified
Maximum Average
Forward Current
IF(AV)
2.0 A
TA = 55
OC
Peak Forward Surge
Current
IFSM
80A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 2.0A;
TA=25
OC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
200uA
TA=25
OC
TA=125
OC
Maximum Reverse
Recovery Time
RGP20A-20G
RGP20J
RGP20K-20M
Trr
150nS
250nS
500nS
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
35pF
Measured at
f=1.0MHZ
VR=4.0V
DO-201AE
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.370
---
9.50
B
---
.250
---
6.40
C
.038
.042
0.96
1.06
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
www.mccsemi.com
2.0 Amp Glass
Passivated Junction
Fast Recovery
Rectifiers
50 to 1000 Volts
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - RGP20M

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP20M ZOWIE-RGP20M Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
RGP20M TSC-RGP20M Datasheet
72Kb / 2P
   2.0 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
logo
TAITRON Components Inco...
RGP20M TAITRON-RGP20M Datasheet
133Kb / 4P
   2.0A Sintered Glass Passivated Fast Recovery Rectifier
logo
Shanghai Lunsure Electr...
RGP20M CHENYI-RGP20M Datasheet
51Kb / 3P
   2.0Amp glass passivated juntion fast recovery rectifiers 50to1000 volts
logo
Jinan Jingheng (Group) ...
RGP20M JINANJINGHENG-RGP20M Datasheet
105Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - RGP20M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GP20A MCC-GP20A Datasheet
80Kb / 3P
   2.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
RGP30A MCC-RGP30A Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
RGP10A MCC-RGP10A Datasheet
85Kb / 3P
   1.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
RGP15A MCC-RGP15A Datasheet
83Kb / 3P
   1.5 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
RGP10A CHENYI-RGP10A Datasheet
56Kb / 3P
   1.0Amp glass passivated junction fast recovery rectifiers 50 to 1000 volts
logo
Micro Commercial Compon...
GP30A MCC-GP30A Datasheet
80Kb / 3P
   3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP10A MCC-GP10A Datasheet
84Kb / 3P
   1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP15A MCC-GP15A Datasheet
80Kb / 3P
   1.5 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
HER201G MCC-HER201G Datasheet
311Kb / 2P
   Passivated High Efficient Rectifiers 50 to 1000 Volts 2.0 Amp Glass
HER208G-TP MCC-HER208G-TP Datasheet
279Kb / 3P
   2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com