Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMDPB70XPE Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMDPB70XPE
Description  20 V dual P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMDPB70XPE Datasheet(HTML) 2 Page - NXP Semiconductors

  PMDPB70XPE_15 Datasheet HTML 1Page - NXP Semiconductors PMDPB70XPE_15 Datasheet HTML 2Page - NXP Semiconductors PMDPB70XPE_15 Datasheet HTML 3Page - NXP Semiconductors PMDPB70XPE_15 Datasheet HTML 4Page - NXP Semiconductors PMDPB70XPE_15 Datasheet HTML 5Page - NXP Semiconductors PMDPB70XPE_15 Datasheet HTML 6Page - NXP Semiconductors PMDPB70XPE_15 Datasheet HTML 7Page - NXP Semiconductors PMDPB70XPE_15 Datasheet HTML 8Page - NXP Semiconductors PMDPB70XPE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PMDPB70XPE
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 20 June 2012
2 of 15
NXP Semiconductors
PMDPB70XPE
20 V dual P-channel Trench MOSFET
2.
Pinning information
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1S1
source TR1
DFN2020-6 (SOT1118)
2
G1
gate TR1
3D2
drain TR2
4S2
source TR2
5
G2
gate TR2
6D1
drain TR1
7D1
drain TR1
8D2
drain TR2
Transparent top view
6
78
54
123
017aaa260
D1
S1
G1
D2
S2
G2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PMDPB70XPE
DFN2020-6
plastic thermal enhanced ultra thin small outline package;
no leads; 6 terminals
SOT1118
Table 4.
Marking codes
Type number
Marking code
PMDPB70XPE
2B
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VDS
drain-source voltage
Tj =25°C
-
-20
V
VGS
gate-source voltage
-12
12
V
ID
drain current
VGS =-4.5 V; Tamb =25°C; t ≤ 5 s
[1]
--4.2
A
VGS =-4.5 V; Tamb =25°C
[1]
--3
A
VGS =-4.5 V; Tamb =100 °C
[1]
--2.1
A
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
-12
A
Ptot
total power dissipation
Tamb =25 °C
[2]
-
515
mW
[1]
-
1210
mW
Tsp = 25 °C
-
8330
mW
Source-drain diode
IS
source current
Tamb =25 °C
[1]
--1.3
A


Similar Part No. - PMDPB70XPE_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDPB70XPE PHILIPS-PMDPB70XPE Datasheet
822Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-20 June 2012
logo
Nexperia B.V. All right...
PMDPB70XPE NEXPERIA-PMDPB70XPE Datasheet
1Mb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1 - 20 June 2012
More results

Similar Description - PMDPB70XPE_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDXB950UPE NXP-PMDXB950UPE Datasheet
262Kb / 15P
   20 V, dual P-channel Trench MOSFET
10 September 2013
PMDPB58UPE NXP-PMDPB58UPE Datasheet
880Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
PMDPB80XP PHILIPS-PMDPB80XP_15 Datasheet
899Kb / 15P
   20 V, dual P-channel Trench MOSFET
Rev. 1-30 May 2012
logo
Nexperia B.V. All right...
PMDXB950UPEL NEXPERIA-PMDXB950UPEL Datasheet
739Kb / 16P
   20 V, dual P-channel Trench MOSFET
PMDPB58UPE NEXPERIA-PMDPB58UPE Datasheet
707Kb / 14P
   20 V dual P-channel Trench MOSFET
3 February 2016
logo
NXP Semiconductors
PMDPB70XPE PHILIPS-PMDPB70XPE Datasheet
822Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-20 June 2012
PMDPB55XP PHILIPS-PMDPB55XP_15 Datasheet
884Kb / 15P
   20 V, dual P-channel Trench MOSFET
Rev. 3-4 June 2012
PMDPB58UPE PHILIPS-PMDPB58UPE_15 Datasheet
880Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
logo
Nexperia B.V. All right...
PMDPB80XP NEXPERIA-PMDPB80XP Datasheet
1Mb / 15P
   20 V, dual P-channel Trench MOSFET
PMDPB85UPE NEXPERIA-PMDPB85UPE Datasheet
1Mb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1 - 20 June 2012
PMDXB950UPE NEXPERIA-PMDXB950UPE Datasheet
732Kb / 15P
   20 V, dual P-channel Trench MOSFET
30 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com