Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PESD5V0V1USF Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. PESD5V0V1USF
Description  Very low capacitance unidirectional ESD protection diode
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0V1USF Datasheet(HTML) 1 Page - NXP Semiconductors

  PESD5V0V1USF_15 Datasheet HTML 1Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 2Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 3Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 4Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 5Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 6Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 7Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 8Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
Very low capacitance unidirectional ElectroStatic Discharge (ESD) protection diode
designed to protect one signal line from the damage caused by ESD and other transients.
The device is encapsulated in a leadless super small DSN0603-2 (SOD962)
Surface-Mounted Device (SMD) package.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
PESD5V0V1USF
Very low capacitance unidirectional ESD protection diode
Rev. 1 — 16 July 2012
Product data sheet
ESD protection of one line
Ultra low leakage current IRM <1nA
Low diode capacitance Cd =4pF
ESD protection up to 12 kV
Super small SMD package
IEC 61000-4-2; level 4 (ESD)
Computers and peripherals
Communication systems
Audio and video equipment
Portable electronics
Cellular handsets and accessories
Table 1.
Quick reference data
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff voltage
-
-
5
V
Cd
diode capacitance
f = 1 MHz; VR =0V
-
4
5
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn