Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PESD5V0V1USF Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. PESD5V0V1USF
Description  Very low capacitance unidirectional ESD protection diode
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0V1USF Datasheet(HTML) 5 Page - NXP Semiconductors

  PESD5V0V1USF_15 Datasheet HTML 1Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 2Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 3Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 4Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 5Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 6Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 7Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 8Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PESD5V0V1USF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 16 July 2012
5 of 12
NXP Semiconductors
PESD5V0V1USF
Very low capacitance unidirectional ESD protection diode
Fig 3.
ESD clamping test setup
Fig 4.
Clamped +8 kV pulse waveform
(IEC 61000-4-2 network)
Fig 5.
Clamped
8 kV pulse waveform
(IEC 61000-4-2 network)

5G
&V
'87
'(9,&(
81'(5
7(67

5*8
FRD[
(6' 7(67(5
,(&QHWZRUN
&V S)5G 
*+]',*,7$/
26&,//26&23(
[
$77(18$725
XQFODPSHGN9(6'SXOVHZDYHIRUP
,(&QHWZRUN




9
N9

W QV










XQFODPSHGN9(6'SXOVHZDYHIRUP
,(&QHWZRUN




9
N9

W QV










DDD
DDD
















W QV
9&/
9
DDD
















W QV
9&/
9


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn