Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PESD5V0V1USF Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. PESD5V0V1USF
Description  Very low capacitance unidirectional ESD protection diode
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0V1USF Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD5V0V1USF_15 Datasheet HTML 1Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 2Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 3Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 4Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 5Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 6Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 7Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 8Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PESD5V0V1USF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 16 July 2012
4 of 12
NXP Semiconductors
PESD5V0V1USF
Very low capacitance unidirectional ESD protection diode
6.
Characteristics
[1]
Non-repetitive current pulse, Transmission Line Pulse (TLP) tp = 100 ns; square pulse;
ANS/IESD STM5-1-2008.
Table 8.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
--
5
V
IRM
reverse leakage current VRWM = 5 V
-
1
100
nA
VBR
breakdown voltage
IR = 1 mA
67
8V
Cd
diode capacitance
f = 1 MHz; VR =0V
-
4
5
pF
rdyn
dynamic resistance
IR =10A
[1] -2
-
f = 1 MHz; Tamb =25 C
Fig 2.
Diode capacitance as a function of reverse voltage; typical values
DDD












95 9
&G
S)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn