Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0L1USF Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PESD5V0L1USF
Description  Low capacitance unidirectional ESD protection diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0L1USF Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PESD5V0L1USF_15 Datasheet HTML 4Page - NXP Semiconductors PESD5V0L1USF_15 Datasheet HTML 5Page - NXP Semiconductors PESD5V0L1USF_15 Datasheet HTML 6Page - NXP Semiconductors PESD5V0L1USF_15 Datasheet HTML 7Page - NXP Semiconductors PESD5V0L1USF_15 Datasheet HTML 8Page - NXP Semiconductors PESD5V0L1USF_15 Datasheet HTML 9Page - NXP Semiconductors PESD5V0L1USF_15 Datasheet HTML 10Page - NXP Semiconductors PESD5V0L1USF_15 Datasheet HTML 11Page - NXP Semiconductors PESD5V0L1USF_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PESD5V0L1USF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 12 July 2012
8 of 13
NXP Semiconductors
PESD5V0L1USF
Low capacitance unidirectional ESD protection diode
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
Fig 10. Package outline DSN0603-2 (SOD962)

'LPHQVLRQVLQPP














Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
9000
PESD5V0L1USF
DSN0603-2
(SOD962)
2 mm pitch, 8 mm tape and reel
-315


Similar Part No. - PESD5V0L1USF_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0L1USF NEXPERIA-PESD5V0L1USF Datasheet
373Kb / 14P
   Low capacitance unidirectional ESD protection diode
More results

Similar Description - PESD5V0L1USF_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL5UF PHILIPS-PESDXL5UF Datasheet
112Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode capacitance unidirectional fivefold ESD protection diode
Rev. 02-8 January 2008
logo
Nexperia B.V. All right...
PESD5V0L1USF NEXPERIA-PESD5V0L1USF Datasheet
373Kb / 14P
   Low capacitance unidirectional ESD protection diode
PESD5Z5.0-Q NEXPERIA-PESD5Z5.0-Q Datasheet
211Kb / 12P
   Low capacitance unidirectional ESD protection diode
25 November 2022
PESD5Z3.3-Q NEXPERIA-PESD5Z3.3-Q Datasheet
210Kb / 12P
   Low capacitance unidirectional ESD protection diode
25 November 2022
PESD5V0L2UU-Q NEXPERIA-PESD5V0L2UU-Q Datasheet
239Kb / 12P
   Low capacitance unidirectional ESD protection diode
6 June 2023
logo
NXP Semiconductors
PESD5V0L1ULD PHILIPS-PESD5V0L1ULD Datasheet
265Kb / 12P
   Low capacitance unidirectional ESD protection diode
Rev. 1-19 April 2011
logo
Nexperia B.V. All right...
PESD5V0L1ULD-Q NEXPERIA-PESD5V0L1ULD-Q Datasheet
256Kb / 11P
   Low capacitance unidirectional ESD protection diode
18 August 2022
PESD5V0L1ULD NEXPERIA-PESD5V0L1ULD Datasheet
255Kb / 11P
   Low capacitance unidirectional ESD protection diode
14 April 2023
PESD3V3L1UB NEXPERIA-PESD3V3L1UB Datasheet
235Kb / 10P
   Low capacitance unidirectional ESD protection diode
6 April 2021
PESD5V0L1UA-Q NEXPERIA-PESD5V0L1UA-Q Datasheet
252Kb / 11P
   Low capacitance unidirectional ESD protection diode
13 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com