Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0F5UV Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESD5V0F5UV
Description  Femtofarad unidirectional fivefold ESD protection array
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0F5UV Datasheet(HTML) 1 Page - NXP Semiconductors

  PESD5V0F5UV_15 Datasheet HTML 1Page - NXP Semiconductors PESD5V0F5UV_15 Datasheet HTML 2Page - NXP Semiconductors PESD5V0F5UV_15 Datasheet HTML 3Page - NXP Semiconductors PESD5V0F5UV_15 Datasheet HTML 4Page - NXP Semiconductors PESD5V0F5UV_15 Datasheet HTML 5Page - NXP Semiconductors PESD5V0F5UV_15 Datasheet HTML 6Page - NXP Semiconductors PESD5V0F5UV_15 Datasheet HTML 7Page - NXP Semiconductors PESD5V0F5UV_15 Datasheet HTML 8Page - NXP Semiconductors PESD5V0F5UV_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
Femtofarad capacitance unidirectional ElectroStatic Discharge (ESD) protection diode
array designed to protect up to five signal lines from the damage caused by ESD and
other transients. The device is encapsulated in an ultra small and flat lead SOT666
Surface-Mounted Device (SMD) plastic package.
The combination of extremely low capacitance, high ESD maximum rating and ultra small
package makes the device ideal for high-speed data line protection and antenna
protection applications.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
PESD5V0F5UV
Femtofarad unidirectional fivefold ESD protection array
Rev. 1 — 17 July 2012
Product data sheet
ESD protection of up to 5 lines
IEC 61000-4-2; level 4 (ESD)
Low diode capacitance Cd =0.55pF
IEC 61000-4-5 (surge); IPPM =2A
Ultra low leakage current IRM <1nA
AEC-Q101 qualified
ESD protection up to 8 kV
Computers and peripherals
Communication systems
Audio and video equipment
Portable electronics
Cellular handsets and accessories
SIM card protection
10/100/1000 Mbit/s Ethernet
High-speed data lines
Table 1.
Quick reference data
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff voltage
-
-
5
V
Cd
diode capacitance
f = 1 MHz; VR = 0 V
-
0.55
0.7
pF


Similar Part No. - PESD5V0F5UV_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0F5UV NEXPERIA-PESD5V0F5UV Datasheet
322Kb / 14P
   Femtofarad unidirectional fivefold ESD protection array
More results

Similar Description - PESD5V0F5UV_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0F5UF NEXPERIA-PESD5V0F5UF Datasheet
359Kb / 14P
   Femtofarad unidirectional fivefold ESD protection array
logo
NXP Semiconductors
PESD5V0F5UF PHILIPS-PESD5V0F5UF_15 Datasheet
221Kb / 13P
   Femtofarad unidirectional fivefold ESD protection array
Rev. 1-17 July 2012
logo
Nexperia B.V. All right...
PESD5V0F5UV NEXPERIA-PESD5V0F5UV Datasheet
322Kb / 14P
   Femtofarad unidirectional fivefold ESD protection array
logo
NXP Semiconductors
PESDXL5UF PHILIPS-PESDXL5UF Datasheet
112Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode capacitance unidirectional fivefold ESD protection diode
Rev. 02-8 January 2008
logo
Nexperia B.V. All right...
PESD12VS5UD-Q NEXPERIA-PESD12VS5UD-Q Datasheet
238Kb / 12P
   Fivefold ESD protection diode array
15 May 2023
PESD15VS5UD-Q NEXPERIA-PESD15VS5UD-Q Datasheet
238Kb / 12P
   Fivefold ESD protection diode array
15 May 2023
PESD3V3S5UD-Q NEXPERIA-PESD3V3S5UD-Q Datasheet
239Kb / 12P
   Fivefold ESD protection diode array
15 May 2023
PESD5V0S5UD-Q NEXPERIA-PESD5V0S5UD-Q Datasheet
250Kb / 12P
   Fivefold ESD protection diode array
3 July 2023
PESD24VS5UD-Q NEXPERIA-PESD24VS5UD-Q Datasheet
242Kb / 12P
   Fivefold ESD protection diode array
3 July 2023
logo
NXP Semiconductors
PESDXL5UF NXP-PESDXL5UF Datasheet
105Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02-8 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com