Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGL34M Datasheet(PDF) 2 Page - Micro Commercial Components

Part # RGL34M
Description  0.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RGL34M Datasheet(HTML) 2 Page - Micro Commercial Components

  RGL34M Datasheet HTML 1Page - Micro Commercial Components RGL34M Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
RGL34A thru RGL34K
0
10
12
2.0
4.0
6.0
8.0
1
100
10
Number of Cycles at 60HZ
0
0.3
0.4
0.5
0
25
50
75
100
125
150
175
Terminal Temperature (
°C)
0.4
0.2
0.8
0.6
1.2
1.4
1.0
1.6
Fig. 3 – Typical Instantaneous
Forward Characteristics
020
60
40
100
80
Fig. 4 – Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
0.2
0.1
Resistive or Inductive Load
0.01
0.1
10
1
TJ = 25
°C
Reverse Voltage (V)
1
10
100
10
1
0.01
0.1
10
1
TJ = 100
°C
Fig. 5 – Typical Junction Capacitance
TJ = 25
°C
TJ = 25°C
f = 1.0 MHZ
Vsig = 50mVp-p
Fig. 1 – Forward Current
Derating Curve
Fig. 2 – Maximum Non-Repetitive Peak
Forward Surge Current
Instantaneous Forward Voltage (V)
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
Pulse Width = 300
µs
1% Duty Cycle
www.mccsemi.com
MCC


Similar Part No. - RGL34M

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
RGL34M DIOTEC-RGL34M Datasheet
228Kb / 2P
   Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
RGL34M SEMIKRON-RGL34M Datasheet
109Kb / 2P
   Fast silicon rectifier diodes
logo
Diotec Semiconductor
RGL34M DIOTEC-RGL34M Datasheet
103Kb / 2P
   Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
RGL34M SEMIKRON-RGL34M Datasheet
113Kb / 2P
   Surface mount diode
logo
SeCoS Halbleitertechnol...
RGL34M SECOS-RGL34M Datasheet
184Kb / 2P
   0.5AMP Surface Mount Fast Recovery Rectifiers
More results

Similar Description - RGL34M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
EGL34A MCC-EGL34A Datasheet
357Kb / 2P
   0.5 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
GL34D-TP MCC-GL34D-TP Datasheet
98Kb / 3P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
GL34A MCC-GL34A_08 Datasheet
218Kb / 4P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
GL34A MCC-GL34A Datasheet
354Kb / 2P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
1F10 MCC-1F10 Datasheet
201Kb / 2P
   0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
1F10 MCC-1F10_08 Datasheet
437Kb / 3P
   0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
logo
Shanghai Lunsure Electr...
1F10 CHENYI-1F10 Datasheet
170Kb / 2P
   0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
logo
Micro Commercial Compon...
FR301GP MCC-FR301GP Datasheet
80Kb / 3P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR601-R-6 YFWDIODE-FR601-R-6 Datasheet
397Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FS2AFL MCC-FS2AFL Datasheet
334Kb / 4P
   2 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com