Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0F1BLD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PESD5V0F1BLD
Description  Femtofarad bidirectional ESD protection diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0F1BLD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PESD5V0F1BLD_15 Datasheet HTML 3Page - NXP Semiconductors PESD5V0F1BLD_15 Datasheet HTML 4Page - NXP Semiconductors PESD5V0F1BLD_15 Datasheet HTML 5Page - NXP Semiconductors PESD5V0F1BLD_15 Datasheet HTML 6Page - NXP Semiconductors PESD5V0F1BLD_15 Datasheet HTML 7Page - NXP Semiconductors PESD5V0F1BLD_15 Datasheet HTML 8Page - NXP Semiconductors PESD5V0F1BLD_15 Datasheet HTML 9Page - NXP Semiconductors PESD5V0F1BLD_15 Datasheet HTML 10Page - NXP Semiconductors PESD5V0F1BLD_15 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PESD5V0F1BLD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 23 July 2012
7 of 11
NXP Semiconductors
PESD5V0F1BLD
Femtofarad bidirectional ESD protection diode
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
11. Soldering
Fig 7.
Package outline DFN1006D-2 (SOD882D)
12-05-01
Dimensions in mm
0.65
0.30
0.22
0.30
0.22
0.55
0.45
0.65
0.55
0.4
max
1.05
0.95
2
cathode marking on top side (if applicable)
1
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
10000
PESD5V0F1BLD
DFN1006D-2
(SOD882D)
2 mm pitch, 8 mm tape and reel
-315
Fig 8.
Reflow soldering footprint DFN1006D-2 (SOD882D)
solder lands
solder resist
solder paste
sod882d_fr
Dimensions in mm
1.4
0.2
0.3
0.4
1
1.3
0.8
(2
×)
0.6
(2
×)
0.7
(2
×)


Similar Part No. - PESD5V0F1BLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0F1BLD-Q NEXPERIA-PESD5V0F1BLD-Q Datasheet
253Kb / 11P
   Femtofarad bidirectional ESD protection diode
10 June 2022
More results

Similar Description - PESD5V0F1BLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0F1BL-Q NEXPERIA-PESD5V0F1BL-Q Datasheet
246Kb / 11P
   Femtofarad bidirectional ESD protection diode
10 June 2022
logo
NXP Semiconductors
PESD5V0F1BRLD PHILIPS-PESD5V0F1BRLD_15 Datasheet
523Kb / 11P
   Femtofarad bidirectional ESD protection diode
Rev. 1-30 January 2014
logo
Nexperia B.V. All right...
PESD5V0F1BRLD-Q NEXPERIA-PESD5V0F1BRLD-Q Datasheet
253Kb / 11P
   Femtofarad bidirectional ESD protection diode
4 October 2022
PESD5V0F1BL NEXPERIA-PESD5V0F1BL Datasheet
246Kb / 11P
   Femtofarad bidirectional ESD protection diode
14 April 2023
logo
NXP Semiconductors
PESD5V0F1BL PHILIPS-PESD5V0F1BL_15 Datasheet
139Kb / 12P
   Femtofarad bidirectional ESD protection diode
Rev. 3-24 October 2011
logo
Nexperia B.V. All right...
PESD5V0F1BRLD NEXPERIA-PESD5V0F1BRLD Datasheet
658Kb / 12P
   Femtofarad bidirectional ESD protection diode
logo
NXP Semiconductors
PESD5V0F1BL NXP-PESD5V0F1BL Datasheet
88Kb / 10P
   Femtofarad bidirectional ESD protection diode
Rev. 01-1 October 2009
logo
Nexperia B.V. All right...
PESD5V0F1BLD NEXPERIA-PESD5V0F1BLD Datasheet
493Kb / 12P
   Femtofarad bidirectional ESD protection diode
PESD5V0F1BLD-Q NEXPERIA-PESD5V0F1BLD-Q Datasheet
253Kb / 11P
   Femtofarad bidirectional ESD protection diode
10 June 2022
PESD3V3T1BLS NEXPERIA-PESD3V3T1BLS Datasheet
228Kb / 11P
   Bidirectional ESD protection diode
8 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com