Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3008NBKMB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NX3008NBKMB
Description  30 V, single N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3008NBKMB Datasheet(HTML) 3 Page - NXP Semiconductors

  NX3008NBKMB_15 Datasheet HTML 1Page - NXP Semiconductors NX3008NBKMB_15 Datasheet HTML 2Page - NXP Semiconductors NX3008NBKMB_15 Datasheet HTML 3Page - NXP Semiconductors NX3008NBKMB_15 Datasheet HTML 4Page - NXP Semiconductors NX3008NBKMB_15 Datasheet HTML 5Page - NXP Semiconductors NX3008NBKMB_15 Datasheet HTML 6Page - NXP Semiconductors NX3008NBKMB_15 Datasheet HTML 7Page - NXP Semiconductors NX3008NBKMB_15 Datasheet HTML 8Page - NXP Semiconductors NX3008NBKMB_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NX3008NBKMB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 11 May 2012
3 of 15
NXP Semiconductors
NX3008NBKMB
30 V, single N-channel Trench MOSFET
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for drain 1 cm2.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3]
Measured between all pins.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj =25°C
-
30
V
VGS
gate-source voltage
-8
8
V
ID
drain current
VGS =4.5 V; Tamb =25°C
[1]
-
530
mA
VGS =4.5 V; Tamb =100 °C
[1]
-
330
mA
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
2.1
A
Ptot
total power dissipation
Tamb =25 °C
[2]
-
360
mW
[1]
-
715
mW
Tsp = 25 °C
-
2700
mW
Tj
junction temperature
-55
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
Source-drain diode
IS
source current
Tamb =25 °C
[1]
-
530
mA
ESD maximum rating
VESD
electrostatic discharge voltage
HBM
[3]
-
2000
V
Fig 2.
Normalized total power dissipation as a
function of junction temperature
Fig 3.
Normalized continuous drain current as a
function of junction temperature
Tj (°C)
-75
175
125
25
75
-25
001aao121
40
80
120
Pder
(%)
0
Tj (°C)
-75
175
125
25
75
-25
001aao122
40
80
120
Ider
(%)
0


Similar Part No. - NX3008NBKMB_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3008NBKMB NXP-NX3008NBKMB Datasheet
1Mb / 15P
   30 V, single N-channel Trench MOSFET
Rev. 1-11 May 2012
logo
Nexperia B.V. All right...
NX3008NBKMB NEXPERIA-NX3008NBKMB Datasheet
259Kb / 14P
   30 V, single N-channel Trench MOSFET
5 November 2022
More results

Similar Description - NX3008NBKMB_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMN22XN NXP-PMN22XN Datasheet
856Kb / 14P
   30 V, single N-channel Trench MOSFET
Rev. 1-19 January 2012
logo
ZP Semiconductor
PMV185XN ZPSEMI-PMV185XN Datasheet
375Kb / 4P
   30 V, single N-channel Trench MOSFET
PMV90EN ZPSEMI-PMV90EN Datasheet
472Kb / 3P
   30 V, single N-channel Trench MOSFET
logo
First Silicon Co., Ltd
FTK235NSOT883 FS-FTK235NSOT883 Datasheet
600Kb / 5P
   30 V, single N-channel Trench MOSFET
logo
Nexperia B.V. All right...
PMZB380XN NEXPERIA-PMZB380XN Datasheet
327Kb / 14P
   30 V, single N-channel Trench MOSFET
PMV90EN NEXPERIA-PMV90EN Datasheet
1Mb / 16P
   30 V, single N-channel Trench MOSFET
PMF87EN NEXPERIA-PMF87EN Datasheet
320Kb / 15P
   30 V, single N-channel Trench MOSFET
1 August 2012
NX3020NAK NEXPERIA-NX3020NAK Datasheet
719Kb / 15P
   30 V, single N-channel Trench MOSFET
PMPB33XN NEXPERIA-PMPB33XN Datasheet
736Kb / 14P
   30 V single N-channel Trench MOSFET
PMN22XN NEXPERIA-PMN22XN Datasheet
993Kb / 15P
   30 V, single N-channel Trench MOSFET
Rev. 1 - 19 January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com