Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP30A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # RGP30A
Description  3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RGP30A Datasheet(HTML) 2 Page - Micro Commercial Components

  RGP30A Datasheet HTML 1Page - Micro Commercial Components RGP30A Datasheet HTML 2Page - Micro Commercial Components RGP30A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
75
.1
RGP30A thru RGP30M
Average Forward Rectified Current - Amperes versus
Ambient Temperature -
OC
Figure 2
Forward Derating Curve
175
50
100
125
0
.5
1.0
1.5
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
OC
150
2.0
2.5
3.0
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.4
.6
.8
1.0
1.2
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
OC
Volts
Junction Capacitance - pF versus
Reverse Voltage - Volts
Figure 3
Junction Capacitance
.2
1
.4
2
10
20
40
4
100 200
1
2
6
10
20
100
pF
Volts
60
40
4
400
1000
TJ=25
OC
www.mccsemi.com
MCC


Similar Part No. - RGP30A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP30A ZOWIE-RGP30A Datasheet
59Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
RGP30A TAYCHIPST-RGP30A Datasheet
4Mb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
General Semiconductor
RGP30A GE-RGP30A Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Leshan Radio Company
RGP30A LRC-RGP30A Datasheet
448Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
Taiwan Semiconductor Co...
RGP30A TSC-RGP30A Datasheet
68Kb / 2P
   3.0 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
More results

Similar Description - RGP30A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GP30A MCC-GP30A Datasheet
80Kb / 3P
   3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
RGP10A MCC-RGP10A Datasheet
85Kb / 3P
   1.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
RGP15A MCC-RGP15A Datasheet
83Kb / 3P
   1.5 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
RGP20A MCC-RGP20A Datasheet
83Kb / 3P
   2.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
RGP10A CHENYI-RGP10A Datasheet
56Kb / 3P
   1.0Amp glass passivated junction fast recovery rectifiers 50 to 1000 volts
logo
New Jersey Semi-Conduct...
RGP30A NJSEMI-RGP30A Datasheet
89Kb / 1P
   3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers
logo
Micro Commercial Compon...
GP10A MCC-GP10A Datasheet
84Kb / 3P
   1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP15A MCC-GP15A Datasheet
80Kb / 3P
   1.5 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP20A MCC-GP20A Datasheet
80Kb / 3P
   2.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
S3AB-TP MCC-S3AB-TP Datasheet
738Kb / 3P
   3.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com