Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6745AAUZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6745AAUZ
Description  Improved Bridge Controller with Precision Dead Time Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6745AAUZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6745AAUZ Datasheet HTML 1Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 2Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 3Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 4Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 5Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 6Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 7Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 8Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN6703.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL6745A
Improved Bridge Controller with Precision
Dead Time Control
The ISL6745A is a low-cost double-ended voltage-mode
PWM controller designed for half-bridge and full-bridge
power supplies and line-regulated bus converters. It
provides precise control of switching frequency, adjustable
soft-start, and overcurrent shutdown. In addition, the
ISL6745A allows for accurate adjustment of MOSFET
non-overlap time (“deadtime”) with deadtimes as low as
35ns, allowing power engineers to optimize the efficiency of
open-loop bus converters. The ISL6745A also includes a
control voltage input for closed-loop PWM and line voltage
feed-forward functions. The ISL6745A is identical to the
ISL6745, but is optimized for higher noise environments.
Low start-up and operating currents allow for easy biasing in
both AC/DC and DC/DC applications. This advanced
BiCMOS design also features adjustable switching
frequency up to 1MHz, 1A FET drivers, and very low
propagation delays for a fast response to overcurrent faults.
The ISL6745A is available in a space-saving MSOP-10
package and is guaranteed to meet rated specifications over
a wide -40°C to +105°C temperature range.
Features
• Precision Duty Cycle and Deadtime Control
• 100µA Start-up Current
• Adjustable Delayed Overcurrent Shutdown and Re-Start
• Adjustable Oscillator Frequency Up to 2MHz
• 1A MOSFET Gate Drivers
• Adjustable Soft-Start
• Internal Over-Temperature Protection
• 35ns Control to Output Propagation Delay
• Small Size and Minimal External Component Count
• Input Undervoltage Protection
• Pb-Free (RoHS Compliant)
Applications
• Half-bridge Converters
• Full-bridge Converters
• Line-regulated Bus Converters
• AC/DC Power Supplies
• Telecom, Datacom, and File Server Power
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL6745AAUZ* 6745A
-40 to +105 10 Ld MSOP M10.118
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on
reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Pinout
ISL6745A
(10 LD MSOP)
TOP VIEW
SS 1
RTD
VERR
CS
CT
GND
OUTA
OUTB
VDDP
VDD
2
3
4
5
6
7
8
9
10
Data Sheet
September 11, 2008


Similar Part No. - ISL6745AAUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
197Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
logo
Renesas Technology Corp
ISL6745AAUZ RENESAS-ISL6745AAUZ Datasheet
589Kb / 13P
   Improved Bridge Controller with Precision Dead Time Control
More results

Similar Description - ISL6745AAUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6745A INTERSIL-ISL6745A Datasheet
197Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
logo
Renesas Technology Corp
ISL6745A RENESAS-ISL6745A Datasheet
589Kb / 13P
   Improved Bridge Controller with Precision Dead Time Control
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Monolithic Power System...
HR1001A MPS-HR1001A Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001B MPS-HR1001B Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001L MPS-HR1001L Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
logo
Texas Instruments
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com