Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6740AIVZA Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6740AIVZA
Description  Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6740AIVZA Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6740AIVZA Datasheet HTML 6Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 7Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 8Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 9Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 10Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 11Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 12Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 13Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ISL6740A
11
FN9195.3
February 9, 2012
As VIN decreases to a UV condition, the threshold level is:
The hysteresis voltage,
ΔV, is:
Setting R3 equal to zero results in the minimum hysteresis,
and yields:
As VIN increases from a UV condition, the threshold level is:
Output voltage variation caused by changes in the supply
voltage may be virtually removed through a technique known
as feed forward compensation. Using feed forward, the duty
cycle is directly modulated based on changes in the input
voltage only. No closed loop feedback system is required. The
feed forward circuit uses the voltage applied to the UV/FF pin
to modulate the oscillator ramp amplitude with minimal effect
on the switching frequency and deadtime of the oscillator. The
voltage feed forward operates over a 3:1 input voltage range.
The voltage applied to the UV/FF pin is multiplied by 0.8 and
output on the RTC and RTD pins. This voltage is also summed
with the CT valley threshold voltage (0.8 V) to create the CT
peak threshold voltage. As the voltage applied to UV/FF varies,
the CT peak voltage and the CT charge and discharge currents
vary, all in direct proportion to each other. The result is an
amplitude modulated sawtooth waveform on CT that is
frequency invariant.
The voltage amplitude of CT ranges from 1.6V to 4.2V as the
voltage on UV increases. The UV threshold defines the
minimum amplitude of CT and corresponds to maximum duty
cycle operation.
For unregulated bus converters and DC transformers, feed
forward can compensate for input voltage variations without a
closed loop feedback network. A resistive voltage divider from
VREF to VERROR sets the feed forward control voltage. For
example, if the desired duty cycle at the minimum operating
voltage is 90%, then:
Overcurrent Protection
There are two overcurrent protection mechanisms in the
ISL6740A, one for light overcurrent and one for heavy over
load. They are referred to, respectively, as overcurrent
protection and short circuit protection.
OVERCURRENT OPERATION
Overcurrent delayed shutdown is enabled once the soft-start
cycle is complete. If an overcurrent condition is detected, the
soft-start charging current source is disabled and the soft-start
capacitor is allowed to discharge through a 15µA source. At
the same time a 50µs re-triggerable one-shot timer is
activated. It remains active for 50µs after the overcurrent
condition ceases. If the soft-start capacitor discharges by more
then 0.25V to 4.25V, the output is disabled and the Fault signal
asserted. This state continues until the soft-start voltage
reaches 270mV, at which time a new soft-start cycle is
initiated. If the overcurrent condition stops at least 50µs prior
to the soft-start voltage decreasing to 4.25V, the soft-start
charging currents revert to normal operation and the soft-start
voltage is allowed to recover.
Figure 7 shows the overcurrent behavior during SS. Although
an overcurrent condition exists, a shutdown is not allowed prior
to completion of the SS cycle. Only peak current limit operates
during the soft-start cycle. If the overcurrent condition were to
continue beyond the soft-start cycle, a delayed overcurrent
shutdown would occur as shown in Figure 8.
FIGURE 5. UV HYSTERESIS
VIN
R1
R2
R3
1.00V
10
μA
ON
+
-
VIN DOWN
()
R1 R2
+
R2
----------------------
=
V
(EQ. 7)
ΔV10
5
R1 R3
R1 R2
+
R2
----------------------
⎝⎠
⎛⎞
+
〈〉
=
V
(EQ. 8)
ΔV10
5
R1
=
V
(EQ. 9)
VIN UP
()
VIN DOWN
() ΔV
+
=
V
(EQ. 10)
FIGURE 6. FEED FORWARD BEHAVIOR
V
UV/FF
V
ERROR
CT
OUTA
OUTB
VERROR
Dmax VUV FF
0.8
() 0.8
+
=
V
0.9 1.0 0.8
() 0.8
+
1.52
=
=
V
(EQ. 11)
SS
0.6 V OC
CS
OUTA
OUTB
4.5 V
FIGURE 7. PULSE-BY-PULSE OC BEHAVIOR DURING SS


Similar Part No. - ISL6740AIVZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6740AIVZA INTERSIL-ISL6740AIVZA Datasheet
320Kb / 15P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Renesas Technology Corp
ISL6740AIVZA RENESAS-ISL6740AIVZA Datasheet
660Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Intersil Corporation
ISL6740AIVZA-T INTERSIL-ISL6740AIVZA-T Datasheet
320Kb / 15P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
More results

Similar Description - ISL6740AIVZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6740A INTERSIL-ISL6740A Datasheet
320Kb / 15P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Renesas Technology Corp
ISL6740A RENESAS-ISL6740A Datasheet
660Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
ON Semiconductor
CS51220 ONSEMI-CS51220 Datasheet
470Kb / 16P
   Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
July, 2006??Rev. 7
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740 INTERSIL-ISL6740 Datasheet
641Kb / 29P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IV-T INTERSIL-ISL6740IV-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Renesas Technology Corp
ISL6740 RENESAS-ISL6740 Datasheet
1Mb / 30P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Intersil Corporation
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com