Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6731BFBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6731BFBZ
Description  Power Factor Correction Controllers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6731BFBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6731BFBZ Datasheet HTML 1Page - Intersil Corporation ISL6731BFBZ Datasheet HTML 2Page - Intersil Corporation ISL6731BFBZ Datasheet HTML 3Page - Intersil Corporation ISL6731BFBZ Datasheet HTML 4Page - Intersil Corporation ISL6731BFBZ Datasheet HTML 5Page - Intersil Corporation ISL6731BFBZ Datasheet HTML 6Page - Intersil Corporation ISL6731BFBZ Datasheet HTML 7Page - Intersil Corporation ISL6731BFBZ Datasheet HTML 8Page - Intersil Corporation ISL6731BFBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISL6731A, ISL6731B
2
FN8582.1
February 13, 2015
Submit Document Feedback
Pin Configuration
ISL6731A, ISL6731B
(14 LD SOIC)
TOP VIEW
11
12
14
13
4
3
2
1
NC
GND
ISEN
ICOMP
GATE
VCC
VREG
NC
10
5
VIN
SKIP
9
8
6
7
BO
OVP
COMP
FB
Pin Descriptions
PIN #
I/O
SYMBOL
DESCRIPTION
1, 13
-
NC
Not Connected. Must be floating.
2
-
GND
Ground pin. All voltage levels refer to this pin.
3
I
ISEN
Current sense pin. The current through this pin is proportional to the inductor current.
4
I/O
ICOMP
Current error amplifier output pin.
5
I
VIN
Input voltage sense. This pin provides the reference voltage to shape inductor current. Connect this pin to a resistor divider
from the rectified input voltage. The resistor divider ratio is used to adjust the phase lag between input voltage and the
input current. The phase lag is required to compensate the phase lead generated by the EMI filter.
6
I/O
BO
This pin should be decoupled to GND with a minimum 0.1µF ceramic capacitor. The BO pin is a voltage follower, which will
follow the DC voltage of the VIN pin. The BO pin is internally tied to GND through a resistor RIS. The decoupling capacitor
provides ripple filtering. When the voltage at the BO pin (VBO) drops below brownout voltage threshold, the controller
enters shutdown mode and the gate drive is disabled. The BO pin will be disabled when the FB pin drops below the enabling
threshold.
7
I
OVP
Overvoltage protection pin. Connect this pin to a resistor divider from the output. The resistor divider sets the OVP set point.
When the OVP pin voltage exceeds 104.5% of the reference voltage VREF, OVP is triggered and the gate drive is disabled.
8
I/O
COMP
Output of the error amplifier. The voltage of the COMP pin sets the input power. During start-up, a small charge current will
slowly ramp up the voltage of the COMP pin.
9
I
FB
Voltage feedback pin. Connect this pin to a resistor divider from the output. The resistor divider sets the output voltage.
When the FB pin voltage exceeds 104% of VREF, OVP is triggered and gate drive is disabled. When the FB pin drops below
10% of VREF, the device is put into shutdown mode. There is an internal pull-down current source for open loop protection.
10
I/O
SKIP
This pin has dual functions. Connecting this pin to ground disables the light load skip function. An internal 20μA current
sources out of this pin. Connect a resistor from this pin to the ground to set the average power trip point. The converter
exits the skip mode when either the VFB drops below 88% of VREF, or the ISEN current goes above 29μA.
11
-
VREG
Output of internal regulator. The voltage having a ±2% tolerance over line, load and operating temperature. Bypass to GND
with a 47nF low ESR capacitor. VREG can source up to 10mA. This pin is not recommended for usage other than bypass.
12
I
VCC
Power supply pin. The VCC pin should be decoupled to GND with a minimum 0.1µF ceramic capacitor.
14
O
GATE
Push-pull gate drive for the external MOSFET. Output voltage is clamped at 12.5V. This pin provides typically 2A sink and
1.5A source capability.


Similar Part No. - ISL6731BFBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6731BFBZ RENESAS-ISL6731BFBZ Datasheet
919Kb / 20P
   Power Factor Correction Controllers
More results

Similar Description - ISL6731BFBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6730 INTERSIL-ISL6730 Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
ISL6730A INTERSIL-ISL6730A Datasheet
632Kb / 20P
   Power Factor Correction Controllers
logo
Renesas Technology Corp
ISL6730A RENESAS-ISL6730A Datasheet
950Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
logo
Intersil Corporation
ISL6730AFUZ INTERSIL-ISL6730AFUZ Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
logo
Renesas Technology Corp
ISL6731A RENESAS-ISL6731A Datasheet
919Kb / 20P
   Power Factor Correction Controllers
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com