Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6731BFBZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6731BFBZ
Description  Power Factor Correction Controllers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6731BFBZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6731BFBZ Datasheet HTML 7Page - Intersil Corporation ISL6731BFBZ Datasheet HTML 8Page - Intersil Corporation ISL6731BFBZ Datasheet HTML 9Page - Intersil Corporation ISL6731BFBZ Datasheet HTML 10Page - Intersil Corporation ISL6731BFBZ Datasheet HTML 11Page - Intersil Corporation ISL6731BFBZ Datasheet HTML 12Page - Intersil Corporation ISL6731BFBZ Datasheet HTML 13Page - Intersil Corporation ISL6731BFBZ Datasheet HTML 14Page - Intersil Corporation ISL6731BFBZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ISL6731A, ISL6731B
11
FN8582.1
February 13, 2015
Submit Document Feedback
Functional Description
VCC Undervoltage Lockout (UVLO)
The ISL6731A and ISL6731B start automatically once the
voltage at VCC exceeds the UVLO threshold.
Shutdown
When the VFB pin is below 0.2V, the controller is disabled and
the PWM output driver is tri-stated. When disabled, the IC power
will be reduced. During shutdown, the COMP pin is discharged to
GND and the controller is disabled. The Over-Temperature
Protection (OTP) is still alive to prevent the controller from
starting up in a high temperature ambient condition.
In the event that the FB pin is disconnected from the feedback
resistors, the FB pin is pulled to ground by an internal current
source IFB. When the FB pin voltage drops below 0.2V, the gate
driver is disabled. The ISL6731A or ISL6731B enters shutdown
mode.
Soft-Start
The COMP pin is released once the soft-start operation begins. A
13µA current sources out to the RC network connected from the
COMP pin until the FB pin voltage reaches 90% of the reference
voltage.
Switching is inhibited when the COMP pin voltage is below 1V.
When the COMP pin reaches 1V, the current error amplifier and
the gate driver are activated and the converter starts switching.
During UVLO, brownout and shutdown, the COMP is pulled to the
ground.
Input Voltage Sensing
The VIN pin is needed to sense the rectified input voltage. The
sensed semi-sinusoidal waveform is needed to shape the
inductor current, which helps achieves unity power factor. At the
same time, the voltage on the VIN pin is used to generate the
negative capacitive element at the input. This will cancel the
input filter capacitor, CF. Canceling the effect of CF will increase
the displacement power factor and alleviate the zero crossing
distortion, which is related to the distortion power factor.
The BO pin also utilizes the VIN resistor divider for voltage
sensing. Set the resistor divider ratio to satisfy the brownout
requirement.
First, calculate the resistor divider ratio, KBO.
Where VF is the forward voltage drop of the bridge rectifier and
the voltage drop of DF1; DF2.
Then, select the RIN2 based on the highest reasonable resistance
value. Then select the RIN1 based upon the desirable minimum
RMS value of the line voltage for the PFC operation.
Inductor Current Sensing
The current sensing of the converter has two purposes. One is to
force the inductor current to track the input semi-sinusoidal
waveform. The other purpose is for overcurrent protection. Refer to
Figure 11 for the current sensing scheme. The sensed current ICS
is in proportion to the inductor current, IL as described in
Equation 3:
where:
RCS is the current sensing resistor with low value in the return
path to the bridge rectifier.
RSEN is the current scaling resistor connected between ISEN to
the RCS.
A high value RCS renders more accurate current sensing. It is
recommended to use the RCS to render 120mV peak voltage at
the maximum line voltage during full load condition.
Where
is the efficiency of the converter at the maximum line
input with full load.
FIGURE 10. INPUT VOLTAGE SENSING SCHEMATIC
BO
RIN1
CBO
VIN
CF2
VLINE
CF3
EMI CHOKE
Lm
DF1
DF2
RIN2
KBO
VBORMAX
VRMSmin 2VF
-------------------------------------------
=
(EQ. 1)
RIN1
KBO
1K
BO
--------------------- RIN2
=
(EQ. 2)
ICS
1
2
---
RCS
RSEN
---------------- IL

=
(EQ. 3)
FIGURE 11. INDUCTOR CURRENT SENSING SCHEME
Q1
COUT
VOUT
L
CF1
VI
RCS
ISEN
RSEN
CURRENT
MIRROR
2:1
ICS 0.5 IOC
>
ICS
RCS
120mV VRMSMAX

2POmax
-------------------------------------------------------------
(EQ. 4)


Similar Part No. - ISL6731BFBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6731BFBZ RENESAS-ISL6731BFBZ Datasheet
919Kb / 20P
   Power Factor Correction Controllers
More results

Similar Description - ISL6731BFBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6730 INTERSIL-ISL6730 Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
ISL6730A INTERSIL-ISL6730A Datasheet
632Kb / 20P
   Power Factor Correction Controllers
logo
Renesas Technology Corp
ISL6730A RENESAS-ISL6730A Datasheet
950Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
logo
Intersil Corporation
ISL6730AFUZ INTERSIL-ISL6730AFUZ Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
logo
Renesas Technology Corp
ISL6731A RENESAS-ISL6731A Datasheet
919Kb / 20P
   Power Factor Correction Controllers
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com